Electronic Components Datasheet Search
  English  ▼

X  

AD694 Datasheet(PDF) 11 Page - Analog Devices

Part # AD694
Description  4??0 mA Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD694 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD694 Datasheet HTML 7Page - Analog Devices AD694 Datasheet HTML 8Page - Analog Devices AD694 Datasheet HTML 9Page - Analog Devices AD694 Datasheet HTML 10Page - Analog Devices AD694 Datasheet HTML 11Page - Analog Devices AD694 Datasheet HTML 12Page - Analog Devices AD694 Datasheet HTML 13Page - Analog Devices AD694 Datasheet HTML 14Page - Analog Devices AD694 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD694
REV. B
–11–
Figure 13. Digital to 4–20 mA Interface Using a Current Steering DAC
Figure 14. Single-Supply Digital Input to 4–20 mA Output
code dependent, and the response time of the circuit will be de-
termined by the reaction of the voltage reference. The supply
voltage to the AD7541A should be kept close to 15 V. If VS is
reduced significantly from 15 V the differential nonlinearity of
the DAC will increase and the linearity will be degraded.
In some applications it is desirable to have some underrange and
overrange in the 4–20 mA output. For example, assume an over
and under range capability of
±5% of span is needed, then the
output current range corresponding to the full scale of the DAC
is 3.2 mA to 20.8 mA. To accomplish this, the span of the
AD694 would be increased 10% to 17.6 mA by adding a nonin-
verting gain of 1.1 to the buffer amplifier. The 4 mA offset
would then be reduced by 0.8 mA, by utilizing the adjustment
scheme explained in Adjusting 4 mA Zero section. Then a digi-
tal input from all zero code to full scale would result in an out-
put current of 3.2 mA to 20.8 mA.
LOW COST SENSOR TRANSMITTER
Sensor bridges typically output differential signals in the 10 mV
to 100 mV full-scale range. With an AD694, a dual op amp, and
some resistors, an instrumentation amplifier front end can be
added which easily handles these types of low level signals.
The traditional 3 op amp instrumentation amplifier is built us-
ing an AD708 dual op amp for the front end, and the AD694’s
buffer amplifier is used for the subtractor circuit, as shown in
Figure 15. The AD694’s 2 V reference is used to provide a
“ground” of 2 V that ensures proper operation of the in amp
over a wide common mode range. The reference pin of the
subtractor circuit is tied to the 2 V reference (point C). A 2 k
Ω
pull-down resistor ensures that the voltage reference will be able
to sink any subtractor current. The 2 V FS (Pin 4) is attached to
the 2 V reference; this offsets the input range of the V/I con-
verter 2 volts positive, to match the “ground” of the in amp.
The AD694 will now output a 4–20 mA output current for a
0 V to 2 V differential swing across VA. The gain of the in amp
front end is adjusted so that the desired full-scale input signal at
VIN results in a VA of 2 V. For example a sensor that has a 100
mV full scale will require a gain of 20 in the front end. The gain
is determined according to the equation:
G = [2RS/Rg] + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com