Electronic Components Datasheet Search
  English  ▼

X  

AD694 Datasheet(PDF) 12 Page - Analog Devices

Part # AD694
Description  4??0 mA Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD694 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD694 Datasheet HTML 8Page - Analog Devices AD694 Datasheet HTML 9Page - Analog Devices AD694 Datasheet HTML 10Page - Analog Devices AD694 Datasheet HTML 11Page - Analog Devices AD694 Datasheet HTML 12Page - Analog Devices AD694 Datasheet HTML 13Page - Analog Devices AD694 Datasheet HTML 14Page - Analog Devices AD694 Datasheet HTML 15Page - Analog Devices AD694 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD694
–12–
REV. B
Figure 15. Low Cost Sensor Transmitter
The circuit shown, will convert a positive differential signal at
VIN to a 4–20 mA current. The circuit has common-mode range
of 3 V to 8 V. The low end of the common-mode range is limited
by the AD708’s ability to pull down on RS. A single supply am-
plifier could be used instead to extend the common-mode range
down to about 1.5 V.
As shown, the circuit handles positive differential signals (VIN
positive). To handle bipolar differential signals (VIN is positive
or negative), the reference pin of the in amp (Point C) must be
offset positively from the 2 V reference. For example, discon-
necting Point C from the 2 V reference and connecting it to a
3 V source would result in a VA of 1 V (or half scale) for a zero
volt differential input from the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com