Electronic Components Datasheet Search
  English  ▼

X  

AD5203 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5203
Description  4-Channel, 64-Position Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5203 Datasheet HTML 3Page - Analog Devices AD5203 Datasheet HTML 4Page - Analog Devices AD5203 Datasheet HTML 5Page - Analog Devices AD5203 Datasheet HTML 6Page - Analog Devices AD5203 Datasheet HTML 7Page - Analog Devices AD5203 Datasheet HTML 8Page - Analog Devices AD5203 Datasheet HTML 9Page - Analog Devices AD5203 Datasheet HTML 10Page - Analog Devices AD5203 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD5203
–7–
REV. 0
80
0
100k
1k
10k
60
40
20
1M
FREQUENCY – Hz
VDD = +5V DC 1V p-p AC
TA = +25 C
CODE = 80H
CL = 10pF
VA = 4V, VB = 0V
Figure 20. Power Supply Rejection
vs. Frequency
VDD – Volts
100
80
0
01
6
23
45
60
40
20
TA = +25 C
VDD = +2.7V
VDD = +5.5V
Figure 23. Incremental Wiper ON
Resistance vs. VDD
0
–50
10
100
1M
1k
10k
100k
–10
–20
–30
–40
FREQUENCY – Hz
–5
–15
–25
–35
–45
VDD = +5V
VIN = 100mV rms
CODE = 20H
TA = +25 C
f–3dB = 625kHz,
R = 10k
f–3dB = 65kHz,
R = 100k
Figure 21. –3 dB Frequency at
Half-Scale
100
1
–55 –35
10
–15
5
25
45
65
85
105 125
TEMPERATURE – C
VDD = +5V
Figure 24. Shutdown Current vs.
Temperature
FREQUENCY – Hz
1k
1M
10M
10k
100k
1200
1000
800
600
400
200
0
TA = +25 C
A
B
C
D
A – VDD = +5.5V
CODE = 15
H
B – VDD = +3.3V
CODE = 15
H
C – VDD = +5.5V
CODE = 3F
H
D – VDD = +3.3V
CODE = 3FH
Figure 22. Supply Current vs. Clock
Frequency
TEMPERATURE – C
1
0.1
0.001
–55 –35
125
–15
5
25
45
65
85 105
0.01
VDD = +5.5V
VDD = +3.3V
LOGIC INPUT
VOLTAGE = 0, VDD
Figure 25. Supply Current vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com