Electronic Components Datasheet Search
  English  ▼

X  

AD5203 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5203
Description  4-Channel, 64-Position Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203 Datasheet(HTML) 1 Page - Analog Devices

  AD5203 Datasheet HTML 1Page - Analog Devices AD5203 Datasheet HTML 2Page - Analog Devices AD5203 Datasheet HTML 3Page - Analog Devices AD5203 Datasheet HTML 4Page - Analog Devices AD5203 Datasheet HTML 5Page - Analog Devices AD5203 Datasheet HTML 6Page - Analog Devices AD5203 Datasheet HTML 7Page - Analog Devices AD5203 Datasheet HTML 8Page - Analog Devices AD5203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD5203
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
4-Channel, 64-Position
Digital Potentiometer
FUNCTIONAL BLOCK DIAGRAM
SHDN
DAC 1
A1
W1
B1
AGND1
6
VDD
DGND
SDI
CLK
CS
AD5203
SDO
SHDN
A2
W2
B2
AGND2
A3
W3
B3
AGND3
A4
W4
B4
AGND4
6
2
RS
6-BIT
LATCH
CK RS
6
6-BIT
LATCH
CK
RS
SHDN
DAC 2
SHDN
DAC 3
6
6
SHDN
DAC 4
6-BIT
LATCH
CK
RS
6-BIT
LATCH
CK RS
DAC
SELECT
A1, A0
1
2
3
4
8-BIT
SERIAL
LATCH
D
CK Q
RS
FEATURES
64 Position
Replaces Four Potentiometers
10 k , 100 k
Power Shutdown—Less than 5
A
3-Wire SPI-Compatible Serial Data Input
10 MHz Update Data Loading Rate
+2.7 V to +5.5 V Single Supply Operation
Midscale Preset
APPLICATIONS
Mechanical Potentiometer Replacement
Programmable Filters, Delays, Time Constants
Volume Control, Panning
Line Impedance Matching
Power Supply Adjustment
GENERAL DESCRIPTION
The AD5203 provides a quad channel, 64-position digitally-
controlled variable resistor (VR) device. These parts perform the
same electronic adjustment function as a potentiometer or vari-
able resistor. The AD5203 contains four independent variable
resistors in a 24-lead SOIC and the compact TSSOP-24 pack-
ages. Each part contains a fixed resistor with a wiper contact
that taps the fixed resistor value at a point determined by a digi-
tal code loaded into the controlling serial input register. The
resistance between the wiper and either endpoint of the fixed
resistor varies linearly with respect to the digital code transferred
into the VR latch. Each variable resistor offers a completely
programmable value of resistance, between the A terminal and
the wiper or the B terminal and the wiper. The fixed A-to-B
terminal resistance of 10 k
Ω, or 100 kΩ has a ±1% channel-to-
channel matching tolerance with a nominal temperature coeffi-
cient of 700 ppm/
°C.
Each VR has its own VR latch which holds its programmed
resistance value. These VR latches are updated from an internal
serial-to-parallel shift register that is loaded from a standard
3-wire serial-input digital interface. Eight data bits make up the
data word clocked into the serial input register. The data word is
decoded where the first two bits determine the address of the VR
latch to be loaded, the last 6-bits are data. A serial data output
pin at the opposite end of the serial register allows simple daisy-
chaining in multiple VR applications without additional external
decoding logic.
The reset
RS pin forces the wiper to the midscale position by
loading 20H into the VR latch. The SHDN pin forces the resis-
tor to an end-to-end open circuit condition on terminal A and
shorts the wiper to terminal B, achieving a microwatt power
shutdown state. When shutdown is returned to logic-high the
previous latch settings put the wiper in the same resistance set-
ting prior to shutdown.
The AD5203 is available in a narrow body P-DIP-24, the
24-lead surface mount package, and the compact 1.1 mm thin
TSSOP-24 package. All parts are guaranteed to operate over the
extended industrial temperature range of –40
°C to +85°C.
For pin compatible higher resolution applications, see the 256-
position AD8403 product.


Similar Part No. - AD5203

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
AD5203 AD-AD5203 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5203 AD-AD5203 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5203 AD-AD5203 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5203AN10 AD-AD5203AN10 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
More results

Similar Description - AD5203

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5273 AD-AD5273 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com