Electronic Components Datasheet Search
  English  ▼

X  

AD79421 Datasheet(PDF) 12 Page - Analog Devices

Part # AD79421
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD79421 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD79421 Datasheet HTML 8Page - Analog Devices AD79421 Datasheet HTML 9Page - Analog Devices AD79421 Datasheet HTML 10Page - Analog Devices AD79421 Datasheet HTML 11Page - Analog Devices AD79421 Datasheet HTML 12Page - Analog Devices AD79421 Datasheet HTML 13Page - Analog Devices AD79421 Datasheet HTML 14Page - Analog Devices AD79421 Datasheet HTML 15Page - Analog Devices AD79421 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7946
Rev. A | Page 12 of 24
THEORY OF OPERATION
SW+
MSB
4096C
4096C
IN+
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
IN–
4C
2C
C
C
8192C
8192C
SW–
MSB
LSB
4C
2C
C
C
Figure 23. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7946 is a fast, low power, single-supply, precise 14-bit
ADC using a successive approximation architecture.
The AD7946 can convert 500,000 samples per second (500 kSPS)
and powers down between conversions. When operating at
100 SPS, for example, it consumes 3.3 μW typically, ideal for
battery-powered applications.
The AD7946 provides the user with an on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple multiplexed channel applications.
The AD7946 is specified from 4.5 V to 5.5 V and can be
interfaced to any of the 1.8 V to 5 V digital logic family. It is
housed in a 10-lead MSOP or a tiny 10-lead QFN (LFCSP) that
combines space savings and allows flexible configurations.
It is pin-for-pin compatible with the 16-bit ADC AD7686.
CONVERTER OPERATION
The AD7946 is a successive approximation ADC based on a
charge redistribution DAC. Figure 23 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 14 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, the terminals of the array that are
tied to the comparator’s input are connected to GND via SW+
and SW−. All independent switches are connected to the analog
inputs. Thus, the capacitor arrays are used as sampling capacitors
and acquire the analog signal on the IN+ and IN− inputs. When
the acquisition phase is complete and the CNV input goes high,
a conversion phase is initiated. When the conversion phase
begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the GND input. Therefore, the differential voltage between the
inputs IN+ and IN− captured at the end of the acquisition phase
is applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between GND and REF, the comparator input varies by
binary weighted voltage steps (REF/2, REF/4 … REF/16,384).
The control logic toggles these switches, starting with the MSB,
in order to bring the comparator back into a balanced condition.
After completing this process, the part returns to the acquisition
phase, and the control logic generates the ADC output code and
a BUSY signal indicator.
Because the AD7946 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.
Transfer Functions
The ideal transfer characteristic for the AD7946 is shown in
Figure 24 and Table 7.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 24. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input
REF = 5 V
Digital Output Code Hexa
FSR − 1 LSB
4.999695 V
3FFF1
Midscale + 1 LSB
2.500305 V
2001
Midscale
2.5 V
2000
Midscale − 1 LSB
2.499695 V
1FFF
−FSR + 1 LSB
305.2 μV
0001
−FSR
0 V
00002
1 This is also the code for an overranged analog input (VIN+ − VIN− above REF − VGND).
2 This is also the code for an underranged analog input (VIN+ − VIN− below VGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com