Electronic Components Datasheet Search
  English  ▼

X  

AD79421 Datasheet(PDF) 16 Page - Analog Devices

Part # AD79421
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD79421 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD79421 Datasheet HTML 12Page - Analog Devices AD79421 Datasheet HTML 13Page - Analog Devices AD79421 Datasheet HTML 14Page - Analog Devices AD79421 Datasheet HTML 15Page - Analog Devices AD79421 Datasheet HTML 16Page - Analog Devices AD79421 Datasheet HTML 17Page - Analog Devices AD79421 Datasheet HTML 18Page - Analog Devices AD79421 Datasheet HTML 19Page - Analog Devices AD79421 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7946
Rev. A | Page 16 of 24
AD7946
REF
GND
VDD
IN–
IN+
VIO
SDI
SCK
SDO
CNV
100nF
10µF
ADR364
33Ω
2.7nF
0V TO 4.096V
ADA4841
100nF
>5.2V
100nF
Figure 32. Example of a Single-Supply Application Circuit
DIGITAL INTERFACE
Although the AD7946 has a reduced number of pins, it offers
flexibility in its serial interface modes.
The AD7946, when in CS mode, is compatible with SPI, QSPI™,
digital hosts, and DSPs, for example, Blackfin® ADSP-BF53x or
ADSP-219x. This interface can use either 3-wire or 4-wire. A
3-wire interface using the CNV, SCK, and SDO signals mini-
mizes wiring connections useful, for instance, in isolated
applications. A 4-wire interface using the SDI, CNV, SCK, and
SDO signals allows CNV, which initiates the conversions, to be
independent of the readback timing (SDI). This is useful in low
jitter sampling or simultaneous sampling applications.
The AD7946, when in chain mode, provides a daisy chain
feature using the SDI input for cascading multiple ADCs on a
single data line similar to a shift register.
The operating mode depends on the SDI level when the CNV
rising edge occurs. CS mode is selected if SDI is high, and chain
mode is selected if SDI is low. The SDI hold time is such that
when SDI and CNV are connected, the chain mode is always
selected.
In either mode, the AD7946 offers the flexibility to optionally
force a start bit in front of the data bits. This start bit can be
used as a BUSY signal indicator to interrupt the digital host and
trigger the data reading. Otherwise, without a BUSY indicator,
the user must time out the maximum conversion time prior to
readback.
BUSY indicator feature is enabled
•
In CS mode, if CNV or SDI is low when the ADC
conversion ends (see Figure 36 and Figure 40).
•
In chain mode, if SCK is high during the CNV rising edge
(see Figure 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com