Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT32 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT32 Datasheet HTML 1Page - ON Semiconductor CAT32 Datasheet HTML 2Page - ON Semiconductor CAT32 Datasheet HTML 3Page - ON Semiconductor CAT32 Datasheet HTML 4Page - ON Semiconductor CAT32 Datasheet HTML 5Page - ON Semiconductor CAT32 Datasheet HTML 6Page - ON Semiconductor CAT32 Datasheet HTML 7Page - ON Semiconductor CAT32 Datasheet HTML 8Page - ON Semiconductor CAT32 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT32
http://onsemi.com
2
Typical Application Circuit
Figure 1. Li−Ion Driver for Four High−Brightness White LEDs
15 mA
4
1.50 kW
TSOT−23 Pin Numbers
6.8 mH
2
3
1
6
5
SW
VIN
RSET
D1
C2
1 mF
C1
4.7 mF
VIN
2.7 V
to
4.2 V
PWM
DIMMING
CONTROL
CAT32
LED
GND
L1
SHDN
C1: Taiyo Yuden JMK212BJ475
C2: Taiyo Yuden EMK212BJ105
D1: Zetez ZHCS400
L1: Sumida CLQ4D106R8
(Panasonic ELJEA6R8)
RSET
Table 1. PIN DESCRIPTION
Pin Number
SOT23
Pin Number
TDFN
Name
Function
1
8
SW
Switch pin. This is the drain of the internal power switch. For minimum EMI, min-
imize the trace area connected to this pin.
2
5
GND
Ground pin. Connect pin 2 to ground.
3
6
LED
LED (cathode) connection pin.
4
4
RSET
RESET pin. A resistor connected from pin 4 to ground sets the LED current. This
pin is also used to dim the LEDs.
5
3
SHDN
Shutdown pin.
6
2
VIN
Input supply pin. This pin should be bypassed with a capacitor to ground. A
4.7 mF capacitor mounted close to the pin is recommended.
−
1
Power
Ground
Power Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com