Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT32 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT32 Datasheet HTML 1Page - ON Semiconductor CAT32 Datasheet HTML 2Page - ON Semiconductor CAT32 Datasheet HTML 3Page - ON Semiconductor CAT32 Datasheet HTML 4Page - ON Semiconductor CAT32 Datasheet HTML 5Page - ON Semiconductor CAT32 Datasheet HTML 6Page - ON Semiconductor CAT32 Datasheet HTML 7Page - ON Semiconductor CAT32 Datasheet HTML 8Page - ON Semiconductor CAT32 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT32
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LED, SHDN voltage
8
V
SW voltage
20
V
RSET voltage
1
V
Storage Temperature Range
−65 to +150
°C
Junction Temperature
125
°C
Lead Soldering Temperature (10 secs)
300
°C
ESD Rating – Human Body Model
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2 to 7
V
Ambient Temperature Range
−40 to +85
°C
Inductor L1
6.8 ±20% typical
mH
Input Capacitor C1
4.7 ±20% typical
mF
Output Capacitor C2
1.0 ±20% typical
mF
ILED with 1 to 4 LEDs in series
0 to 20
mA
NOTE: Typical application circuit with external components is shown on page 2.
Table 4. ELECTRICAL OPERATING CHARACTERISTICS
(Over recommended operating conditions unless otherwise specified. TA = 25°C, VIN = 2 V and VSHDN = 1.2 V.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent Current
VRSET = 0.2 V
0.5
0.7
mA
IGND
Ground Current in Shutdown
VSHDN = 0 V
0.05
1
mA
VLED
LED Pin Voltage
VIN < VOUT, ILED = 15 mA
120
180
mV
ILED
LED Current Adjust Range
5
40
mA
ILED
Programmed LED Current
RSET = 562 W
33
38
45
mA
RSET = 750 W
25
30
36
RSET = 1.5 kW
12.5
15
17.5
RSET = 4.53 kW
5
ILED
LED Pin Current Temperature Coefficient
ILED = 15 mA
−0.01
mA/°C
VRSET
RSET Pin Voltage
RSET = 1.5 kW
100
mV
Shutdown Pin Logic High Level
0.85
V
Shutdown Pin Logic Low Level
0.25
V
fSW
Boost Converter Frequency
0.8
1.2
1.6
MHz
ISWL
Switch Current Limit
400
550
780
mA
RSW
Switch Resistance
VIN = 2 V, ISW = 100 mA
0.7
1.2
W
VIN = 3 V, ISW = 100 mA
0.5
0.9
Switch Leakage Current
Switch Off, VSW = 5 V
0.01
5
mA
Efficiency
Components shown on Figure 1
83
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com