Electronic Components Datasheet Search
  English  ▼

X  

ADUM5401 Datasheet(PDF) 16 Page - Analog Devices

Part # ADUM5401
Description  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5401 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADUM5401 Datasheet HTML 12Page - Analog Devices ADUM5401 Datasheet HTML 13Page - Analog Devices ADUM5401 Datasheet HTML 14Page - Analog Devices ADUM5401 Datasheet HTML 15Page - Analog Devices ADUM5401 Datasheet HTML 16Page - Analog Devices ADUM5401 Datasheet HTML 17Page - Analog Devices ADUM5401 Datasheet HTML 18Page - Analog Devices ADUM5401 Datasheet HTML 19Page - Analog Devices ADUM5401 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Data Sheet
Rev. C | Page 16 of 28
VDD1 1
GND1 2
VOA 3
VOB 4
VISO
16
GNDISO
15
VIA
14
VIB
13
VOC 5
VIC
12
VOD 6
VID
11
RCOUT 7
VSEL
10
GND1 8
GNDISO
9
ADuM5404
TOP VIEW
(Not to Scale)
Figure 10. ADuM5404 Pin Configuration
Table 24. ADuM5404 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
DD1
Primary Supply Voltage, 3.0 V to 5.5 V.
2, 8
GND
1
Ground 1. Ground reference for isolator primary. Pin 2 and Pin 8 are internally connected, and it is recommended
that both pins be connected to a common ground.
3
V
OA
Logic Output A.
4
V
OB
Logic Output B.
5
V
OC
Logic Output C.
6
V
OD
Logic Output D.
7
RC
OUT
Regulation Control Output. This pin is connected to the RC
IN pin of a slave isoPower device to allow the ADuM5404
to control the regulation of the slave device.
9, 15
GND
ISO
Ground Reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected, and it is recommended that both
pins be connected to a common ground.
10
V
SEL
Output Voltage Selection. When V
SEL = VISO, the VISO setpoint is 5.0 V. When VSEL = GNDISO, the VISO setpoint is 3.3 V.
11
V
ID
Logic Input D.
12
V
IC
Logic Input C.
13
V
IB
Logic Input B.
14
V
IA
Logic Input A.
16
V
ISO
Secondary Supply Voltage Output for External Loads, 3.3 V (V
SEL Low) or 5.0 V (VSEL High).
TRUTH TABLE
Table 25. Truth Table (Positive Logic)
V
SEL
1
RC
OUT
2
V
DD1 (V)
V
ISO (V)
Notes
H
PWM
5
5
Master mode, normal operation
L
PWM
5
3.3
Master mode, normal operation
L
PWM
3.3
3.3
Master mode, normal operation
H
PWM
3.3
5
This supply configuration is not recommended due to extremely poor efficiency
1 H refers to a high logic, and L refers to a low logic.
2 PWM refers to the regulation control signal. This signal is derived from the secondary side regulator and can be used to control other isoPower devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com