Electronic Components Datasheet Search
  English  ▼

X  

ADM213EAR Datasheet(PDF) 15 Page - Analog Devices

Part # ADM213EAR
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM213EAR Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM213EAR Datasheet HTML 11Page - Analog Devices ADM213EAR Datasheet HTML 12Page - Analog Devices ADM213EAR Datasheet HTML 13Page - Analog Devices ADM213EAR Datasheet HTML 14Page - Analog Devices ADM213EAR Datasheet HTML 15Page - Analog Devices ADM213EAR Datasheet HTML 16Page - Analog Devices ADM213EAR Datasheet HTML 17Page - Analog Devices ADM213EAR Datasheet HTML 18Page - Analog Devices ADM213EAR Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 15 of 20
DUT
TURNTABLE
RADIATED NOISE
ADJUSTABLE
ANTENNA
TO
RECEIVER
Figure 34. Radiated Emissions Test Setup
Figure 35 shows a plot of radiated emissions vs. frequency. The
levels of emissions are well within specifications, without the
need for any additional shielding or filtering components. The
ADM2xxE were operated at maximum baud rates and
configured like a typical RS-232 interface.
Testing for radiated emissions was carried out in a shielded
anechoic chamber.
START 30.0MHz
STOP 200.0MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 35. Radiated Emissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com