Electronic Components Datasheet Search
  English  ▼

X  

OP221 Datasheet(PDF) 1 Page - Analog Devices

Part # OP221
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221 Datasheet(HTML) 1 Page - Analog Devices

  OP221 Datasheet HTML 1Page - Analog Devices OP221 Datasheet HTML 2Page - Analog Devices OP221 Datasheet HTML 3Page - Analog Devices OP221 Datasheet HTML 4Page - Analog Devices OP221 Datasheet HTML 5Page - Analog Devices OP221 Datasheet HTML 6Page - Analog Devices OP221 Datasheet HTML 7Page - Analog Devices OP221 Datasheet HTML 8Page - Analog Devices OP221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP221
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual Low Power Operational Amplifier,
Single or Dual Supply
FEATURES
Excellent TCVOS Match, 2
V/ C Max
Low Input Offset Voltage, 150
V Max
Low Supply Current, 550
A Max
Single Supply Operation, 5 V to 30 V
Low Input Offset Voltage Drift, 0.75
V/ C
High Open-Loop Gain, 1500 V/mV Min
High PSRR, 3
V/V
Wide Common-Mode Voltage
Range, V– to within 1.5 V of V+
Pin Compatible with 1458, LM158, LM2904
Available in Die Form
GENERAL DESCRIPTION
The OP221 is a monolithic dual operational amplifier that can
be used either in single or dual supply operation. The wide
supply voltage range, wide input voltage range, and low supply
current drain of the OP221 make it well-suited for operation
from batteries or unregulated power supplies.
The excellent specifications of the individual amplifiers combined
with the tight matching and temperature tracking between channels
SIMPLIFIED SCHEMATIC
Q1
–IN
+IN
*ACCESSIBLE IN CHIP FORM ONLY
Q3
Q4
Q5
Q6
Q2
Q7
Q9
Q10
Q12
Q11
Q4
Q13
NULL*
Q26
Q28
Q27
Q29
Q33
V+
OUTPUT
V–
8-Lead SOIC
(S-Suffix)
8
7
6
5
1
2
3
4
NC = NO CONNECT
+IN A
V–
+IN B
–IN A
OUT A
V+
OUT B
–IN B
PIN CONNECTIONS
provide high performance in instrumentation amplifier designs.
The individual amplifiers feature very low input offset voltage,
low offset voltage drift, low noise voltage, and low bias current.
They are fully compensated and protected.
Matching between channels is provided on all critical parameters
including input offset voltage, tracking of offset voltage vs. tem-
perature, non-inverting bias currents, and common-mode rejection.


Similar Part No. - OP221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
OP221 AD-OP221 Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221 Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221 Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221AZ AD-OP221AZ Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
More results

Similar Description - OP221

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221 AD-OP221 Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Analog Devices
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GJ AD-OP221GJ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GSZ AD-OP221GSZ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-421 AD-OP-421_15 Datasheet
267Kb / 6P
QUAD LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP221 AD-OP221_15 Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com