Electronic Components Datasheet Search
  English  ▼

X  

OP221 Datasheet(PDF) 2 Page - Analog Devices

Part # OP221
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221 Datasheet(HTML) 2 Page - Analog Devices

  OP221 Datasheet HTML 1Page - Analog Devices OP221 Datasheet HTML 2Page - Analog Devices OP221 Datasheet HTML 3Page - Analog Devices OP221 Datasheet HTML 4Page - Analog Devices OP221 Datasheet HTML 5Page - Analog Devices OP221 Datasheet HTML 6Page - Analog Devices OP221 Datasheet HTML 7Page - Analog Devices OP221 Datasheet HTML 8Page - Analog Devices OP221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
OP221–SPECIFICATIONS
OP221G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
250
500
mV
Input Offset Current
Ios
VCM = 0
1.5
7
nA
Input Bias Current
IB
VCM = 0
70
120
nA
Input Voltage Range
IVR
V+ = 5 V, V– = 0 V
1
0/3.5
V
VS =
±15 V
–15/13.5
Common-Mode
CMRR
V+ = –5 V, V– = 0 V
Rejection Ratio
0 V
£ VCM £ 3.5 V
75
85
VS =
±15 V
dB
–15 V
£ VCM £ 13.5 V
80
90
Power Supply
PSRR
VS =
±2.5 V to ± 15 V
32
100
mV/V
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
57
180
Large-Signal
Avo
VS =
±15 V, RL = 10 kW
Voltage Gain
VO =
±10 V
800
V/mV
Output Voltage
VO
V+ = 5 V, V– = 0 V
0.8/4
V
Swing
RL = 10 k
W
VS = 15 V, RL = 10 k
W±13.5
Slew Rate
SR
RL = 10 k
W2
0.2
0.3
V/
mS
Bandwidth
BW
600
kHz
Supply Current
ISY
VS =
±2.5 V, No Load
550
650
mA
(Both Amplifiers)
VS =
±15 V, No Load
850
900
(Electrical Characteristics at Vs =
2.5 V to
15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com