Electronic Components Datasheet Search
  English  ▼

X  

OP270FZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP270FZ
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270FZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP270FZ Datasheet HTML 2Page - Analog Devices OP270FZ Datasheet HTML 3Page - Analog Devices OP270FZ Datasheet HTML 4Page - Analog Devices OP270FZ Datasheet HTML 5Page - Analog Devices OP270FZ Datasheet HTML 6Page - Analog Devices OP270FZ Datasheet HTML 7Page - Analog Devices OP270FZ Datasheet HTML 8Page - Analog Devices OP270FZ Datasheet HTML 9Page - Analog Devices OP270FZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
OP270
Rev. E | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
10
3
4
5
6
7
8
9
2
1
1
10
100
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
1/f CORNER = 5Hz
Figure 3. Voltage Noise Density vs. Frequency
5
3
4
2
1
0
±5
±10
±15
±20
SUPPLY VOLTAGE (V)
TA = 25°C
AT 1kHz
AT 10kHz
Figure 4. Voltage Noise Density vs. Supply Voltage
TIME (1 sec/DIV)
0.1Hz TO 10Hz NOISE
TA = 25°C
TS = ±15V
Figure 5. 0.1 Hz to 10 Hz Input Voltage Noise
10
1
0.1
10
100
1k
10k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
1/f CORNER = 200Hz
Figure 6. Current Noise Density vs. Frequency
40
0
10
20
30
–30
–20
–10
–75
–50
–25
25
50
75
100
125
0
TEMPERATURE (°C)
VS = ±15V
Figure 7. Input Offset Voltage vs. Temperature
5
4
0
1
2
3
02
3
4
1
TIME (Minutes)
5
TA = 25°C
VS = ±15V
Figure 8. Warm-Up Offset Voltage Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com