Electronic Components Datasheet Search
  English  ▼

X  

OP270FZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP270FZ
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270FZ Datasheet(HTML) 3 Page - Analog Devices

  OP270FZ Datasheet HTML 1Page - Analog Devices OP270FZ Datasheet HTML 2Page - Analog Devices OP270FZ Datasheet HTML 3Page - Analog Devices OP270FZ Datasheet HTML 4Page - Analog Devices OP270FZ Datasheet HTML 5Page - Analog Devices OP270FZ Datasheet HTML 6Page - Analog Devices OP270FZ Datasheet HTML 7Page - Analog Devices OP270FZ Datasheet HTML 8Page - Analog Devices OP270FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
OP270
Rev. E | Page 3 of 20
SPECIFICATIONS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions
OP270E
OP270F
OP270G
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VOS
10
75
20
150
50
250
μV
Input Offset Current
IOS
VCM = 0 V
1
10
3
15
5
20
nA
Input Bias Current
IB
VCM = 0 V
5
20
10
40
15
60
nA
Input Noise Voltage1
en p-p
0.1 Hz to 10 Hz
80
200
80
200
80
nV p-p
Input Noise Voltage Density2
en
fO = 10 Hz
3.6
6.5
3.6
6.5
3.6
nV/√Hz
en
fO = 100 Hz
3.2
5.5
3.2
5.5
3.2
nV/√Hz
en
fO = 1 kHz
3.2
5.0
3.2
5.0
3.2
nV/√Hz
Input Noise Current Density
in
fO = 10 Hz
1.1
1.1
1.1
pA/√Hz
in
fO = 100 Hz
0.7
0.7
0.7
pA/√Hz
in
fO = 1 kHz
0.6
0.6
0.6
pA/√Hz
Large-Signal Voltage Gain
AVO
VO = ±10 V,
RL = 10 kΩ
1500
2300
1000
1700
750
1500
V/mV
VO = ±10 V,
RL = 2 kΩ
750
1200
500
900
350
700
V/mV
Input Voltage Range3
IVR
±12
±12.5
±12
±12.5
±12
±12.5
V
Output Voltage Swing
VO
RL ≥ 2 kΩ
±12
±13.5
±12
±13.5
±12
±13.5
V
Common-Mode Rejection
CMR
VCM = ±11 V
106
125
100
120
90
110
dB
Power Supply Rejection
Ratio
PSRR
VS = ±4.5 V
to ±18 V
0.56
3.2
1.0
5.6
1.5
5.6
μV/V
Slew Rate
SR
1.7
2.4
1.7
2.4
1.7
2.4
V/μs
Supply Current
(All Amplifiers)
ISY
No load
4
6.5
4
6.5
4
6.5
mA
Gain Bandwidth Product
GBP
5
5
5
MHz
Channel Separation1
CS
VO = ±20 V p-p,
fO = 10 Hz
125
175
125
175
175
dB
Input Capacitance
CIN
3
3
3
pF
Input Resistance
Differential Mode
RIN
0.4
0.4
0.4
MΩ
Common Mode
RINCM
20
20
20
GΩ
Settling Time
tS
AV = +1, 10 V,
step to 0.01%
5
5
5
μs
1 Guaranteed but not 100% tested.
2 Sample tested.
3 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com