Electronic Components Datasheet Search
  English  ▼

X  

OP270GSZ2 Datasheet(PDF) 11 Page - Analog Devices

Part # OP270GSZ2
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GSZ2 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP270GSZ2 Datasheet HTML 7Page - Analog Devices OP270GSZ2 Datasheet HTML 8Page - Analog Devices OP270GSZ2 Datasheet HTML 9Page - Analog Devices OP270GSZ2 Datasheet HTML 10Page - Analog Devices OP270GSZ2 Datasheet HTML 11Page - Analog Devices OP270GSZ2 Datasheet HTML 12Page - Analog Devices OP270GSZ2 Datasheet HTML 13Page - Analog Devices OP270GSZ2 Datasheet HTML 14Page - Analog Devices OP270GSZ2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OP270
Rev. E | Page 11 of 20
TEST CIRCUITS
1/2
OP270
500Ω
5kΩ
V1 20Vp-p
1/2
OP270
CHANNEL SEPARATION = 20 LOG
50Ω
5kΩ
V2
V1
V2/1000
Figure 30. Channel Separation Test Circuit
1/2
OP270
100kΩ
1/2
OP270
+18V
–18V
200kΩ
100kΩ
2
1
7
3
6
5
4
8
Figure 31. Burn-In Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com