Electronic Components Datasheet Search
  English  ▼

X  

OP270GSZ2 Datasheet(PDF) 15 Page - Analog Devices

Part # OP270GSZ2
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GSZ2 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP270GSZ2 Datasheet HTML 11Page - Analog Devices OP270GSZ2 Datasheet HTML 12Page - Analog Devices OP270GSZ2 Datasheet HTML 13Page - Analog Devices OP270GSZ2 Datasheet HTML 14Page - Analog Devices OP270GSZ2 Datasheet HTML 15Page - Analog Devices OP270GSZ2 Datasheet HTML 16Page - Analog Devices OP270GSZ2 Datasheet HTML 17Page - Analog Devices OP270GSZ2 Datasheet HTML 18Page - Analog Devices OP270GSZ2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
OP270
Rev. E | Page 15 of 20
CAPACITIVE LOAD DRIVING AND POWER SUPPLY
CONSIDERATIONS
The OP270 is unity-gain stable and capable of driving large
capacitive loads without oscillating. Nonetheless, good supply
bypassing is highly recommended. Proper supply bypassing
reduces problems caused by supply line noise and improves the
capacitive load driving capability of the OP270.
In the standard feedback amplifier, the output resistance of the
op amp combines with the load capacitance to form a low-pass
filter that adds phase shift in the feedback network and reduces
stability. A simple circuit to eliminate this effect is shown in
Figure 39. The components C1 and R3 decouple the amplifier
from the load capacitance and provide additional stability. The
values of C1 and R3 shown in Figure 39 are for a load capacitance
of up to 1000 pF when used with the OP270.
C1
200pF
VIN
VOUT
PLACE SUPPLY DECOUPLING
CAPACITOR AT OP270
OP270
V+
R1
C3
0.1µF
C2
10µF
C1
1000pF
R2
C4
10µF
C5
0.1µF
R3
50Ω
+
V–
+
Figure 39. Driving Large Capacitive Loads
UNITY-GAIN BUFFER APPLICATIONS
When Rf ≤ 100 Ω and the input is driven with a fast, large signal
pulse (>1 V), the output waveform looks like the one in Figure 40.
During the fast feedthrough-like portion of the output, the input
protection diodes effectively short the output to the input, and
a current, limited only by the output short-circuit protection, is
drawn by the signal generator. With Rf ≥ 500 Ω, the output is
capable of handling the current requirements (IL ≤ 20 mA at 10 V);
the amplifier stays in its active mode and a smooth transition occurs.
When Rf > 3 kΩ, a pole created by Rf and the input capacitance
(3 pF) of the amplifier creates additional phase shift and reduces
phase margin. A small capacitor (20 pF to 50 pF) in parallel with
Rf helps eliminate this problem.
OP270
2.4V/µs
Rf
Figure 40. Pulsed Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com