Electronic Components Datasheet Search
  English  ▼

X  

OP497 Datasheet(PDF) 4 Page - Analog Devices

Part # OP497
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497 Datasheet(HTML) 4 Page - Analog Devices

  OP497 Datasheet HTML 1Page - Analog Devices OP497 Datasheet HTML 2Page - Analog Devices OP497 Datasheet HTML 3Page - Analog Devices OP497 Datasheet HTML 4Page - Analog Devices OP497 Datasheet HTML 5Page - Analog Devices OP497 Datasheet HTML 6Page - Analog Devices OP497 Datasheet HTML 7Page - Analog Devices OP497 Datasheet HTML 8Page - Analog Devices OP497 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP497
Rev. E | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply to packaged parts.
Table 2.
Parameter
Rating
Supply Voltage
±20 V
Input Voltage1
20 V
Differential Input Voltage1
40 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1 For supply voltages less than ±20 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case mounting conditions, that is,
θJA is specified for a device in socket for the PDIP package, and
θJA is specified for a device soldered to the printed circuit board
(PCB) for the SOIC package.
Table 3.
Package Type
θJA
θJC
Unit
14-Lead PDIP (N-14)
76
33
°C/W
16-Lead SOIC (RW-16)
92
23
°C/W
1/4
OP497
V2
2k
Ω
CHANNEL SEPARATION = 20 log
()
–
+
50
Ω
50k
Ω
–
+
1/4
OP497
V1 20V p-p @ 10Hz
V1
V2/10,000
Figure 4. Channel Separation Test Circuit
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com