Electronic Components Datasheet Search
  English  ▼

X  

OP497 Datasheet(PDF) 8 Page - Analog Devices

Part # OP497
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP497 Datasheet HTML 4Page - Analog Devices OP497 Datasheet HTML 5Page - Analog Devices OP497 Datasheet HTML 6Page - Analog Devices OP497 Datasheet HTML 7Page - Analog Devices OP497 Datasheet HTML 8Page - Analog Devices OP497 Datasheet HTML 9Page - Analog Devices OP497 Datasheet HTML 10Page - Analog Devices OP497 Datasheet HTML 11Page - Analog Devices OP497 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP497
Rev. E | Page 8 of 16
SUPPLY VOLTAGE (V)
+VS
–0.5
–1.0
–1.5
1.5
1.0
0.5
–VS
0±5
±10
±15
±
TA = 25°C
20
Figure 23. Input Common-Mode Voltage Range vs. Supply Voltage
35
0
10k
15
5
100
10
10
30
20
25
1k
LOAD RESISTANCE (
Ω)
VS = ±15V
TA = 25°C
AVCL = +1
1% THD
fO = 1kHz
Figure 24. Maximum Output Swing vs. Load Resistance
SUPPLY VOLTAGE (V)
+VS
–0.5
–1.0
–1.5
1.5
1.0
0.5
–VS
0±5
±10
±15
±20
TA = 25°C
RL = 10kΩ
Figure 25. Output Voltage Swing vs. Supply Voltage
SUPPLY VOLTAGE (V)
700
200
0
±5
±10
±15
±20
600
500
400
300
NO LOAD
25°C
125°C
Figure 26. Supply Current (per Amplifier) vs. Supply Voltage
1k
0.001
100k
1
0.01
10
0.1
1
100
10
10k
1k
100
VS = ±15V
TA = 25°C
AV = +1
FREQUENCY (Hz)
Figure 27. Closed-Loop Output Impedance vs. Frequency
35
–35
4
–20
–30
1
–25
0
15
–15
20
25
30
3
2
TIME FROM OUTPUT SHORT (Minutes)
TA = 25°C
TA = 125°C
TA = 25°C
VS = ±15V
OUTPUT SHORTED
TO GROUND
TA = 125°C
Figure 28. Short-Circuit Current vs. Time at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com