Electronic Components Datasheet Search
  English  ▼

X  

AD394 Datasheet(PDF) 12 Page - Analog Devices

Part # AD394
Description  Up-Compatible Multiplying Quad 12-Bit D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD394 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD394 Datasheet HTML 4Page - Analog Devices AD394 Datasheet HTML 5Page - Analog Devices AD394 Datasheet HTML 6Page - Analog Devices AD394 Datasheet HTML 7Page - Analog Devices AD394 Datasheet HTML 8Page - Analog Devices AD394 Datasheet HTML 9Page - Analog Devices AD394 Datasheet HTML 10Page - Analog Devices AD394 Datasheet HTML 11Page - Analog Devices AD394 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD394
Rev. A | Page 12 of 12
PACKAGE OUTLINE
0.023 (0.58)
0.014 (0.36)
0.180 (4.57)
MIN
0.620 (15.75)
0.550 (13.97)
1
14
15
28
1.575 (40.01) MAX
0.225 (5.72)
MAX
0.145 (3.68)
MIN
0.035 (0.89)
0.015 (0.38)
0.015 (0.38)
0.008 (0.20)
0.810 (20.57)
0.770 (19.56)
0.100 (2.54)
BSC
0.070 (1.78)
0.030 (0.76)
0.137 (3.48)
MAX
PIN 1
SEE NOTE 1
SEE NOTE 2
SEE NOTE 6
SEE NOTE 4, 7
SEE NOTE 3
SEE NOTE 5
NOTES
1. INDEX AREA; A NOTCH OR A LEAD ONE IDENTIFICATION MARK IS LOCATED ADJACENT TO LEAD ONE.
2. THE MINIMUM LIMIT FOR DIMENSION MAY BE 0.023" (0.58 mm) FOR ALL FOUR CORNER LEADS ONLY.
3. DIMENSION SHALL BE MEASURED FROM THE SEATING PLANE TO THE BASE PLANE.
4. THE BASIC PIN SPACING IS 0.100" (2.54 mm) BETWEEN CENTERLINES.
5. APPLIES TO ALL FOUR CORNERS.
6. MEASURED AT THE CENTERLINE OF THE LEADS.
7. TWENTY SIX SPACES.
8. CONTROLLING DIMENSIONS ARE IN INCHES. MILLIMETER DIMENSIONS ARE ROUNDED-OFF MILLIMETER
EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Figure 17. 28-Lead Bottom-Brazed Ceramic DIP for Hybrid [BBDIP/H]
(DH-28A)
Dimensions Shown in Inches and (Millimeters)
Note: Squared Corner and Dot in Shaded Area Indicate Pin 1.
ORDERING GUIDE
Model
Temperature Range
Gain Error
Linearity Error (TMIN–TMAX)
AD394TD
−55°C to +125°C
±2 LSB
±1/2 LSB
AD394TD/883B
−55°C to +125°C
±2 LSB
±1/2 LSB
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C04851-0-9/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com