Electronic Components Datasheet Search
  English  ▼

X  

AD79821 Datasheet(PDF) 10 Page - Analog Devices

Part # AD79821
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD79821 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD79821 Datasheet HTML 6Page - Analog Devices AD79821 Datasheet HTML 7Page - Analog Devices AD79821 Datasheet HTML 8Page - Analog Devices AD79821 Datasheet HTML 9Page - Analog Devices AD79821 Datasheet HTML 10Page - Analog Devices AD79821 Datasheet HTML 11Page - Analog Devices AD79821 Datasheet HTML 12Page - Analog Devices AD79821 Datasheet HTML 13Page - Analog Devices AD79821 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7986
Rev. B | Page 10 of 28
0
200k
400k
600k
800k
1M
–180
–200
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
fS = 2MSPS
fIN = 20kHz
SNR = 97.0dB
THD = –114.0dB
SINAD = 97.0dB
Figure 11. FFT Plot (External Reference)
14
15
16
17
18
80
85
90
95
100
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
SNR
SINAD
ENOB
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
80
85
90
95
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 13. SINAD vs. Frequency
0
200k
400k
600k
800k
1M
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
fS = 2MSPS
fIN = 20kHz
SNR = 95.5dB
THD = –113.0dB
SINAD = 95.5dB
Figure 14. FFT Plot (Internal Reference)
105
110
95
100
115
120
125
–120
–125
–115
–110
–105
–100
–95
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
THD
SFDR
Figure 15. THD and SFDR vs. Reference Voltage
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 16. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com