Electronic Components Datasheet Search
  English  ▼

X  

AD79821 Datasheet(PDF) 18 Page - Analog Devices

Part # AD79821
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD79821 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD79821 Datasheet HTML 14Page - Analog Devices AD79821 Datasheet HTML 15Page - Analog Devices AD79821 Datasheet HTML 16Page - Analog Devices AD79821 Datasheet HTML 17Page - Analog Devices AD79821 Datasheet HTML 18Page - Analog Devices AD79821 Datasheet HTML 19Page - Analog Devices AD79821 Datasheet HTML 20Page - Analog Devices AD79821 Datasheet HTML 21Page - Analog Devices AD79821 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7986
Rev. B | Page 18 of 28
DATA READING OPTIONS
There are three different data reading options for the AD7986.
There is the option to read during conversion, to split the read
across acquisition and conversion (see Figure 27 and Figure 28),
and in normal mode, to read during acquisition. The desired
SCK frequency largely determines which reading option to
pursue.
Reading During Conversion, Fast Hosts (Turbo or
Normal Mode)
When reading during conversion (n), conversion results are for
the previous (n − 1) conversion. Reading should only occur up
to tDATA and, because this time is limited, the host must use a
fast SCK.
The required SCK frequency is calculated by
DATA
SCK
t
Edges
SCK
Number
f
_
_
≥
To determine the SCK frequency, follow these examples to read
data from conversion (n − 1).
Turbo mode (2 MSPS):
Number_SCK_Edges = 18; tDATA = 200 ns
fSCK = 18/200 ns = 90 MHz
Normal mode (1.5 MSPS):
Number_SCK_Edges = 18; tDATA = 300 ns
fSCK = 18/300 ns = 60 MHz
The time between tDATA and tCONV is an I/O quiet time where
digital activity should not occur, or sensitive bit decisions may
be corrupt.
Split-Reading, Any Speed Host (Turbo or Normal Mode)
To allow for slower SCK, there is the option of a split read where
data access starts at the current acquisition (n) and spans into the
conversion (n). Conversion results are for the previous (n − 1)
conversion.
Similar to reading during conversion, split-reading should only
occur up to tDATA. For the maximum throughput, the only time
restriction is that split-reading take place during the tACQ
(minimum) + tDATA − tQUIET time. The time between the falling
edge of SCK and CNV rising is an acquisition quiet time, tQUIET.
To determine how to split the read for a particular SCK frequency,
follow these examples to read data from conversion (n − 1).
For turbo mode (2 MSPS),
fSCK = 65 MHz; tDATA = 200 ns
Number_SCK_Edges = 65 MHz × 200 ns = 13
Thirteen bits are read during conversion (n), and five bits are
read during acquisition (n).
For normal mode (1.5 MSPS),
fSCK = 50 MHz; tDATA = 300 ns
Number_SCK_Edges = 50 MHz × 300 ns = 15
Fifteen bits are read during conversion (n), and three bits are
read during acquisition (n).
For slow throughputs, the time restriction is dictated by the
user’s required throughput, and the host is free to run at any
speed. Similar to the reading during acquisition, for slow hosts,
the data access must take place during the acquisition phase
with additional time into the conversion.
Note that data access spanning conversion requires the CNV to
be driven high to initiate a new conversion, and data access is
not allowed when CNV is high. Thus, the host must perform
two bursts of data access when using this method.
Reading During Acquisition, Any Speed Hosts (Turbo or
Normal Mode)
When reading during acquisition (n), conversion results are
for the previous (n − 1) conversion. Maximum throughput is
achievable in normal mode (1.5 MSPS); however, in turbo
mode, 2 MSPS throughput is not achievable.
For the maximum throughput, the only time restriction is that
the reading takes place during the tACQ (minimum) time. For
slow throughputs, the time restriction is dictated by throughput
required by the user, and the host is free to run at any speed.
Thus for slow hosts, data access must take place during the
acquisition phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com