Electronic Components Datasheet Search
  English  ▼

X  

MBR2050CT Datasheet(PDF) 1 Page - Formosa MS

Part # MBR2050CT
Description  REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 20.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MBR2050CT Datasheet(HTML) 1 Page - Formosa MS

  MBR2050CT Datasheet HTML 1Page - Formosa MS MBR2050CT Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01235
78
8
9

1


5

55
!3"8#
#
!3$ 18
3
%3&'
3$ 18
3 %3&'
'
"
0123
(555)
**
*
5*
*55
*5
5+


,-./01-2
356
789
:
;<7;=7>?@78ABC?D
ED
:
9
?D
8F7GHD
79
HD
I
J6
7KK7G:
6
:
9
IL6
788:
M
:
;79
:
HBNOPQ
RS
J6
7K?T?9
7D
C7B9U<HVIWH6
C:
B>LHK<HXBCS
3W?9
768:
6
:
;HBY
XB;9
:
HBZK7Y
HD
:
9
I;7D
D
:
?D;HBCX;9
:
HB
3FHE<HE?D6
H88Z@:
>@?M
M
:
;:
?B;IS
3[:
>@;XD
D
?B9;7<7G:
6
:
9
I
3JHDX8?:
B6
HE\H6
9
7>?Z@:
>@M
D
?]X?B;I:
B\?D
9
?D
8
M
D
??E@??6
:
B>Z7BC<H6
7D
6
:
9
I<D
H9
?;9
:
HB7<<6
:
;79
:
HB8S
3F?7CM
D
??:
B;HK<6
IE:
9
@UATH[^_`aab
cdb
UAC:
D
?;9
:
\?8
e-fg.hi
f.jl./.
3L78?mnRQ
__`opKH6
C?C<6
789
:
;
3n?D
K:
B76
8m^H6
C?D<6
79
?CZ8H6
C?D
7G6
?<?DWq
FQ
^nrQ
sd`ZW?9
@HC_`_c
35H6
7D
:
9
Imo8K7D
=?CS
3WHXB9
:
B>5H8:
9
:
HBmoBI
3t?:
>@9
m`S
`cddHXB;?8ZaS
udN>D
7K8S
vH9
?8m
pH9
@ pHBC:
B> 7BC L@:
< 89
DX;9
XD? 7D? 7\7:
6
7G6
?S
T
U
n
U
W
o
T
o
5
F
R
p
W
w
^
n
L
`
O
`
_
T
p
W
n
L
d
O
`
_
T
p
W
n
L
`
d
`
_
T
p
W
n
L
`
c
`
_
T
p
W
n
L
`
u
`
_
T
p
W
n
L
`
N
`
_
T
p
W
n
L
`
`
a
`
_
T
p
W
n
L
`
d
a
`
_
T
p
W
n
L
`
`
_
`
_
T
p
W
^
n
q
v
A
?
>
7
9
6
H
P
?
8
D
?
\
?
T
=
7
?
5
9
B
?
D
D
X
;
?
T
K
X
K
:
V
7
W
P
W
T
T
`
O
d
O
`
d
`
c
`
u
`
N
`
`
a
`
d
a
`
`
_
P
?
>
7
9
6
H
P
^
W
T
K
X
K
:
V
7
W
P
^
W
T
u
_
d
S
a
x
d
x
_
O
c
d
x
c
`
s
d
`
a
`
O
a
P
?
>
7
9
6
H
P
>
B
:
=
;
H
6
p
L
r
K
X
K
:
V
7
W
P
L
r
`
O
d
O
`
d
`
c
`
u
`
N
`
`
a
`
d
a
`
`
_
P
y
a
S
>
:
M
?
?
^
z
9
B
?
D
D
X
L
C
D
7
E
D
H
J
?
>
7
D
?
\
o
K
X
K
:
V
7
W
q
z
J
y
P
o
`
_
o
Q
?
B
:
8
M
6
7
@
?
6
>
B
:
8
8
K
x
S
u
m
9
B
?
D
D
X
L
?
>
D
X
^
C
D
7
E
D
H
J
=
7
?
5
y
C
H
@
9
?
K
L
U
r
U
{
z
C
7
H
6
C
?
9
7
D
B
H
C
?
8
H
<
K
:
D
?
<
X
8
?
\
7
E
q
W
^
J
`
d
a
o
>
?
6
D
?
<
Z
o
`
a
9
7
?
>
7
9
6
H
P
C
D
7
E
D
H
J
K
X
K
:
V
7
W
P
J
P
n
9
B
?
D
D
X
L
?
8
D
?
\
?
T
L
r
K
X
K
:
V
7
W
{
d
_
| RL
n
?
>
7
9
6
H
P
>
B
:
=
;
H
6
p
L
r
C
?
9
7
T
9
7
{
d
_
a
|
R
L
q
T
`
_
o
K
?
;
B
7
9
8
:
8
?
T
6
7
K
D
?
@
n
6
7
;
:
<
I
n
T
} L
{
x
R
b
L
t
C
B
7
B
H
:
9
;
B
X
{
>
B
:
9
7
D
?
<
R
?
>
7
D
H
9
^
?
>
B
7
T
?
D
X
9
7
D
?
<
K
?
n
n
{ n
Z
~
n
^
`
d
a

H
9
`
d
Q
d
s
a

H
9
d
d
Q
R
L
e.€i
e0e1./i
h2.hl-j-f/1i
f.jfg.1.f/-1i
2/i
f2
T79
:
B>879_d‚L7KG:
?B99
?K<?D79
XD?XB6
?88H9
@?DE:
8?8<?;:
M
:
?CS^:
B>6
?<@78?Z@76
ME7\?Zc`[ƒZD?8:
89
:
\?HD:
BCX;9
:
\?6
H7CS
JHD;7<7;:
9
:
\?6
H7CZC?D79
?;XDD?B9GI_`„
…†‡ˆ
…†‰ˆ
…†Š…
…†Šˆ
‹Œ
Ž‘’“’”•—
˜™
šŽ‘’‘’’”•
›œœ›žœ ¡¢£¤œ¥¦§
¨©¦¦¨ª
§
«
› ›¬£›­®¯››œ°¢©¦±
¦£²³´µ´«
Ž‘’“’”•—
˜™
šŽ‘’‘’’”•
Ž‘’“’”•—
˜™
šŽ‘’‘’’”•
Ž‘’“’”•—
˜™
šŽ‘’‘’’”•
Ž‘’“’”•—
˜™
šŽ‘’‘’’”•
深圳FMS
Kinter
131
6803
0058


Similar Part No. - MBR2050CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2050CT DIODES-MBR2050CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2050CT GE-MBR2050CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
MBR2050CT FAIRCHILD-MBR2050CT Datasheet
53Kb / 3P
Schottky Rectifiers
logo
GOOD-ARK Electronics
MBR2050CT GOOD-ARK-MBR2050CT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR2050CT DIODES-MBR2050CT Datasheet
67Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. 9 - 2
More results

Similar Description - MBR2050CT

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR560 GXELECTRONICS-SR560 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
logo
Formosa MS
MBR1040CT FORMOSA-MBR1040CT Datasheet
273Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
MBR1640CT FORMOSA-MBR1640CT Datasheet
193Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
MBR3040CT FORMOSA-MBR3040CT Datasheet
367Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 30.0 Amperes
logo
Microdiode Semiconducto...
MBR2040CD CHENDA-MBR2040CD Datasheet
577Kb / 2P
40 to 200 Volts Forward Current - 20.0 Amperes
MBR2040CGD CHENDA-MBR2040CGD Datasheet
1Mb / 2P
40 to 200 Volts Forward Current - 20.0 Amperes
MBRF201500CT CHENDA-MBRF201500CT Datasheet
696Kb / 2P
150 to 200 Volts Forward Current - 20.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com