Electronic Components Datasheet Search
  English  ▼

X  

MBR2050CT Datasheet(PDF) 2 Page - Formosa MS

Part # MBR2050CT
Description  REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 20.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MBR2050CT Datasheet(HTML) 2 Page - Formosa MS

  MBR2050CT Datasheet HTML 1Page - Formosa MS MBR2050CT Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01
2356
7891
0 7 71
2
01
236
7891
0    71
71

01
236
 1
6
971
71
0 27
01
236
7891
  71
71

01
236
7891
71
 9 1
7 



!
"


"
#
$


"
#
$
%&'(
)*++)&-).%+/.)0
12

!
#
;

<



*/&').659=9>)?%+#@A
CD
C
EFCD
C
FCCD
C
GFCD
C
HCCCD
C
HEFCD
C
HFCCD
C
C
H
HC
HCC
.)3).?)36>+%4)0
32
LMNECECOPQLMNECRCOP
LMNECFCOPQLMNECSCOP
LMNECTCOPQLMNECHCCOP
LMNECHFCOPQLMNECECCOP
U

U

U

U

U

U

V
"V
#V
$V
V
-).9)*+%4).%+)8-)%B.)3).?)36>+%4)0
V2
<X
X
U

U

U

U

U

U
U
!
U
"
U
<
U
#
U
Y
U
$
U
;
56.7%.836>+%4)0
32
LMNECECOPQLMNECRCOP
LMNECFCOPQLMNECSCOP
LMNECTCOPQLMNECHCCOP
LMNECHFCOPQLMNECECCOP
Z[\]_
ab
b
cd
e
e
fffg
h
ijkil[klg
mike
nopd
qqrs_s__rtrrru
vwxd
qqrs_s__rtruyu
zim{k]|b}
z
}
ll{]~z[b
]
]€
l]~z[b
] ]€
l
i|
Z[\]g
z‚su_uruƒ
_„„qe
„_e
u„
_„uue
„ue
u…
o
_
†‡ˆ‰Š‹ŠŒ
‘
’†‡ˆ‰Š‰ŠŠŒ
†‡ˆ‰Š‹ŠŒ
‘
’†‡ˆ‰Š‰ŠŠŒ
†‡ˆ‰Š‹ŠŒ
‘
’†‡ˆ‰Š‰ŠŠŒ
†‡ˆ‰Š‹ŠŒ
‘
’†‡ˆ‰Š‰ŠŠŒ
†‡ˆ‰Š‹ŠŒ
‘
’†‡ˆ‰Š‰ŠŠŒ
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com