Electronic Components Datasheet Search
  English  ▼

X  

ABC300 Datasheet(PDF) 5 Page - Power-One

Part # ABC300
Description  200 W convection cooled, Inhibit and Power Good signals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC300 Datasheet(HTML) 5 Page - Power-One

  ABC300 Datasheet HTML 1Page - Power-One ABC300 Datasheet HTML 2Page - Power-One ABC300 Datasheet HTML 3Page - Power-One ABC300 Datasheet HTML 4Page - Power-One ABC300 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCD.00285_AA_September-18-2013
5
www.power-one.com
DATA SHEET
Mechanical
INPUT = J1
EARTHING TAB = J4
DC OUTPUT = J2
SIGNALS & AUX POWER= J3
Pin 1: AC Line
Pin 2: AC Neutral
Molex: 19705-4301
2 x 6-32 inches pan head screw
Pin 1 = RTN
Pin 2 = V1
Pin 1 = Inhibit
Pin 2 = Signal Return
Pin 3 = Vfan (+12 V)
Pin 4 = - Remote Sense
Pin 5 = Vs/b (5 Vdc)
Pin 6 = + Remote Sense
Pin 7 = Signal Return
Pin 8 = Power Good
Mating Connector:
Molex: 09-50-3031
Pins: 08-50-0106
Mating Connector:
Molex: 190030001
Mating Connector:
16 AWG wire crimped to Ring
Tongue Terminal.
AMP: 8-31886-1
Mating Connector:
Molex: 22-01-2087, Pins: 08-50-0113
Copyright © 2010 Power-One Inc. All rights reserved. Words and logos that are identified as trademarks and/or service marks are, unless noted otherwise, the
trademarks and service marks of Power-One Inc. in the U.S. and other countries. All other product or service names are the property of their respective holders.
Power-One products are protected under numerous U.S. and foreign patents and pending applications, maskwork rights, and copyrights. Power-One reserves the
right to make changes to any products and services at any time without notice. Power-One assumes no responsibility or liability arising out of the application or use
of any information, product, or service described herein except as expressly agreed to in writing by Power-One Inc.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components in life sup-
port systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of
Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufac-
tured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com