Electronic Components Datasheet Search
  English  ▼

X  

175285-2 Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # 175285-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175285-2 Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button 175285-2 Datasheet HTML 92Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 93Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 94Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 95Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 96Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 97Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 98Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 99Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
94
HB.10, HB-K.10, HD.24, HD-K.24, Gehäuse/Housings
Baugröße/Size 4
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HB.1O.SGD-LB.1.16.Z
HB.1O.SGD-LB.2.16.Z
HB.10.SGD-LB.1.M25.Z
HB.10.SGD-LB.2.M25.Z
HB-K.10.SGD-LB.1.16.Z
HB-K.10.SGD-LB.2.16.Z
HB-K.10.SGD-LB.2.M25.Z
HD.24.SGD-LB.2.21.Z
HD.24.SGD-LB.1.29.Z
HD.24.SGD-LB.2.29.Z
HD.24.SGD-LB.2.M32.Z
HD-K.24.SGD-LB.1.21.Z
HD-K.24.SGD-LB.1.29.Z
HD-K.24.SGD-LB.2.29.Z
HD-K.24.SGD-LB.2.M32.Z
HB.1O.KDO-LB.1.16.G
HB.10.KDO-LB.1.21.G
HB.10.KDO-LB.1.M25.G
HD.24.KDO-LB.1.29.G
HD.24.KDO-LB.1.M32.G
HD-K.24.KDO-LB.1.29.G
HD-K.24.KDO-LB.1.M32.G
1-1102286-2
1-1102288-2
0-1103059-3
0-1106429-2
2-1102286-2
2-1102288-2
0-1106429-6
1-1102523-2
1-1102525-2
1-1102527-2
0-1106433-2
2-1102521-2
2-1102525-2
2-1102527-2
0-1106433-6
1-1102279-2
1-1102282-2
0-1106428-1
1-1102519-2
0-1106432-1
2-1102519-2
0-1106432-3
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
2x16
16
2x16
2x21
29
2x29
21
29
2x29
16
21
29
29
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
2xM25
2xM25
2xM32
2xM32
M25
M32
M32
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
1-1102288-2
40
52
22
ø5.5
82
94
30
M/PG
Sockelgehäuse: Kabeleingang seitlich, Standard Bauform
Surface mounted housing: Side entry, Standard construction
1-1102523-2
82
ø5.5
20
57
45
30
94
M/PG
Sockelgehäuse: Kabeleingang seitlich, Hohe Bauform
Surface mounted housing: Side entry, High construction
1-1102279-2
HB.10.KDO-LB.1.16.G
43
73
35
M/PG
Kupplungsgehäuse: Kabeleingang unten, Standard Bauform
Cable-to-cable hood: Bottom entry, Standard construction
1-1102584-2
HD.40.KDO-LB.1.21.G
43
73
35
M/PG
Kupplungsgehäuse: Kabeleingang unten, Hohe Bauform
Cable-to-cable hood: Bottom entry, High construction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com