Electronic Components Datasheet Search
  English  ▼

X  

CBC34813 Datasheet(PDF) 5 Page - Cymbet Corporation

Part # CBC34813
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34813 Datasheet(HTML) 5 Page - Cymbet Corporation

  CBC34813 Datasheet HTML 1Page - Cymbet Corporation CBC34813 Datasheet HTML 2Page - Cymbet Corporation CBC34813 Datasheet HTML 3Page - Cymbet Corporation CBC34813 Datasheet HTML 4Page - Cymbet Corporation CBC34813 Datasheet HTML 5Page - Cymbet Corporation CBC34813 Datasheet HTML 6Page - Cymbet Corporation CBC34813 Datasheet HTML 7Page - Cymbet Corporation CBC34813 Datasheet HTML 8Page - Cymbet Corporation CBC34813 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CBC34813 EnerChip™ RTC
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-38 V.01
Page 5 of 9
Preliminary
Important Reference Documents
For complete specifications of the integrated AM0813 Real-Time Clock, see here:
http://ambiqmicro.com
For complete specifications of the Cymbet 5µAh EnerChip and integrated power management circuit, reference
the CBC3105 datasheet here: http://www.cymbet.com/pdfs/DS-72-21.pdf .
The EnerChip and power management functions within the CBC34813 are configured as in Mode 1 (VMODE =
GND) as described in the CBC3105 DS-72-21 data sheet.
For guidelines regarding crystal selection and other important information pertaining to the AM0813, see here:
http://ambiqmicro.com/resource-center/
Functional Description of Integrated AM0813 Real-Time Clock
The AM0813 serves as a full function RTC for host processors such as microcontrollers. The AM0813 includes 3
distinct feature groups: 1) baseline timekeeping features with 32.768 kHz oscillator and 2) advanced
timekeeping features, and 3) basic power management features. Functions from each feature group may be
controlled via memory mapped registers. These registers are accessed using either an I2C serial interface (e.g.,
in the AM0803) or a SPI serial interface (e.g., in the AM0813). For more information on the AM0813, see here:
http://ambiqmicro.com/0800-series.
Low Power Operation
Minimum power operation will be achieved by turning off the charge pump in the power management circuit by
driving ENABLE low once the internal EnerChip has been charged - typically one hour to full charge at room
temperature.
The RTC has 3 low power modes, allowing the designer to make appropriate trade-offs between power
consumption and timing accuracy. Operating current drawn by the RTC is as follows:
<15 nA with RC oscillator
<20 nA with RC oscillator and autocalibration
<55 nA with crystal oscillator
In addition to the RTC current, the integrated power management circuit typically draws 20-25nA from the
EnerChip storage device at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com