Electronic Components Datasheet Search
  English  ▼

X  

CBC34813 Datasheet(PDF) 6 Page - Cymbet Corporation

Part # CBC34813
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34813 Datasheet(HTML) 6 Page - Cymbet Corporation

  CBC34813 Datasheet HTML 1Page - Cymbet Corporation CBC34813 Datasheet HTML 2Page - Cymbet Corporation CBC34813 Datasheet HTML 3Page - Cymbet Corporation CBC34813 Datasheet HTML 4Page - Cymbet Corporation CBC34813 Datasheet HTML 5Page - Cymbet Corporation CBC34813 Datasheet HTML 6Page - Cymbet Corporation CBC34813 Datasheet HTML 7Page - Cymbet Corporation CBC34813 Datasheet HTML 8Page - Cymbet Corporation CBC34813 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CBC34813 EnerChip™ RTC
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-38 V.01
Page 6 of 9
Preliminary
CBC34813(AM0813)RegisterDefinitions(00to0F)
The following register bits must be set prior to any switchover, even from VDD to the EnerChip.
BREF bits: The default value out of reset is 0000. This needs to be reprogrammed to 1111.
IOBM bit: The default value out of reset is 1. This needs to be reprogrammed to 0.
Crystal Oscillator Selection
The AM0813 should work with any standard 32.768kHz tuning fork crystal with a load capacitance rating from
0 - 12pF and an ESR from 0 - 90kohms. Recommendations are as follows:
• Crystal load capacitance rating: 0 - 12pF
• Crystal ESR rating: 0 – 90kohms max
• No additional loading capacitors on the board
• Stray PCB capacitance on XO/XI: 2pF or less (less is better)
Typically, an oscillator allowance (OA) of 260-290kohms is generated. Increasing the loading capacitance on
the XI/XO pins will decrease the OA and using crystals with a higher ESR will reduce the OA margin. The crystal
will not affect the AM0813 RTC current because a fixed bias current to the crystal is used. No external load
capacitance is required because the frequency offset from the crystal is digitally calibrated out, to within +/-
2ppm. Mainstream crystals (3.2mm x 1.5mm) generally have a maximum ESR rating of 70kohms. The smaller
2.0mm x 1.2mm crystals generally have a maximum ESR of 90kohms. Some crystal vendors, such as Epson
or Micro Crystal, might have some of the smaller crystals with lower ESR. Below is a list of crystals from several
vendors that have been tested:
Abracon: ABS07-32.768KHZ-7-T, ABS06-32.768KHZ-9-T, ABS25.32.768KHZ-T
Epson: C-002RX, FC-135, FC-12D, FC-12M
Micro Crystal: CC7V-T1A, CM7V-T1A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com