Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2602 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2602
Description  High CMR Line Receiver Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2602 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2602 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Description
The HCPL-2602/12 are optically coupled line receivers
that combine a GaAsP light emitting diode, an input
current regulator and an integrated high gain photo
detector. The input regulator serves as a line
termination for line receiver applications. It clamps
the line voltage and regulates the LED current so line
reflections do not interfere with circuit performance.
The regulator allows a typical LED current of 8.5 mA
before it starts to shunt excess current. The output
of the detector IC is an open collector Schottky clamped
transistor. An enable input gates the detector. The
internal detector shield provides a guaranteed
common mode transient immunity specification of
1000 V/ms for the 2602, and 3500 V/ms for the 2612.
DC specifications are defined similar to TTL logic.
The optocoupler ac and dc operational parameters
are guaranteed from 0
°C to 70°C allowing trouble-
free interfacing with digital logic circuits. An input
current of 5 mA will sink an eight gate fan-out (TTL)
at the output.
HCPL-2602, HCPL-2612
High CMR Line Receiver Optocouplers
Data Sheet
Features
• 1000 V/
µs minimum Common Mode Rejection (CMR) at
VCM = 50 V for HCPL-2602 and 3.5 kV/µs minimum
CMR at VCM = 300 V for HCPL-2612
• Line termination included – no extra circuitry required
• Accepts a broad range of drive conditions
• LED protection minimizes LED efficiency degradation
• High speed: 10 MBd (limited by transmission line in
many applications)
• Guaranteed AC and DC performance over temperature:
0
°C to 70°C
• External base lead allows “LED peaking” and LED
current adjustment
• Safety approval
UL recognized – 3750 V rms for 1 Minute
CSA approved
• MIL-PRF-38534 hermetic version available (HCPL-1930/1)
Applications
• Isolated line receiver
• Computer-peripheral interface
• Microprocessor system interface
• Digital isolation for A/D, D/A conversion
• Current sensing
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
• Power transistor isolation in motor drives
Functional Diagram
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
1
2
3
4
8
7
6
5
IN–
IN+
GND
V
VCC
O
VE
NC
CATHODE
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
SHIELD


Similar Part No. - HCPL-2602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL-2602 HP-HCPL-2602 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
More results

Similar Description - HCPL-2602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
High CMR, High Speed Optocouplers
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
High CMR, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com