Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2602 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2602
Description  High CMR Line Receiver Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2602 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2602 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Schematic
SHIELD
8
6
5
2
4
VI
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS REQUIRED (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
VE
IE
7
3
–
II
+
90
Ω
Ordering Information
HCPL-2602/HCPL-2612 is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Option
Part
RoHS
non RoHS
Surface
Gull
Tape
Number
Compliant
Compliant
Package
Mount
Wing
& Reel
Quantity
HCPL-2602 -000E
no option
300 mil DIP-8
50 per tube
HCPL-2612 -300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the
option column to form an order entry.
Example 1:
HCPL-2602-500E to order product of Gull Wing Surface Mount package in Tape and Reel packaging and RoHS
compliant.
Example 2:
HCPL-2612 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for
information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15,
2001 and RoHS compliant will use ‘–XXXE.’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com