Electronic Components Datasheet Search
  English  ▼

X  

1658821 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1658821
Description  Modular Jacks and MRJ21 Product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658821 Datasheet(HTML) 1 Page - Tyco Electronics

  1658821 Datasheet HTML 1Page - Tyco Electronics 1658821 Datasheet HTML 2Page - Tyco Electronics 1658821 Datasheet HTML 3Page - Tyco Electronics 1658821 Datasheet HTML 4Page - Tyco Electronics 1658821 Datasheet HTML 5Page - Tyco Electronics 1658821 Datasheet HTML 6Page - Tyco Electronics 1658821 Datasheet HTML 7Page - Tyco Electronics 1658821 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
24
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MAG45 Modular Jacks with Integrated Magnetics
Modular Jacks and MRJ21 Product
Note: All part numbers are RoHS compliant.
The MAG45 product line
offers a broad range of
available RJ45 modular
jacks with integrated mag-
netics for 10/100 Base-T,
Gigabit and PoE Enabled
applications. Multiple con-
figurations are available to
include single port, tab up
or tab down; single port
USB/RJ45; single port low
profile; ganged multiport,
1xN; and stacked multiport,
2xN. All available with or
without LEDs. There are
multiple LED combinations
and color options available.
Available soon RJ45 with
Integrated Magnetics/
PoE controller and MRJ21
product.
Available in Spring 2005 Pb
Free/RoHS Compliant
MAG45 product.
Product Features
■ PCB space savings
■ Improved reliability and EMI
performance over discrete
magnetics
■ Micro-welding of mag wire
to PCB versus soldering
■ Meets or exceeds FCC Part
68, IEEE 802.3, and ANSI
X3.263 requirements
■ Supports all appropriate and
available PHY Chips and
applications
■ Extended Temp -40C to +85C
available
Product Qualification
■ 501 and 108 Qualification
Test and Product
Specification Reports
available
■ UL/CSA Recognized
component
■ For assistance in part selec-
tion, please refer to the
Tyco Electronics E-Catalog
■ Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also avail-
able to assist


Similar Part No. - 1658821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1658833 PHOENIX-1658833 Datasheet
219Kb / 3P
Panel mounting frames - VS-08-SET-MOD-1-R/5-BU-BU/SD-F
logo
Tyco Electronics
1658859-1 MACOM-1658859-1 Datasheet
335Kb / 4P
SFP Solutions
logo
ON Semiconductor
1658870 ONSEMI-1658870 Datasheet
5Mb / 30P
Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
logo
Tyco Electronics
1658871-1 MACOM-1658871-1 Datasheet
491Kb / 3P
XFP Products
logo
TE Connectivity Ltd
1658871-1 TEC-1658871-1 Datasheet
247Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1658821

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60583-2 MACOM-60583-2 Datasheet
434Kb / 8P
Modular Jacks and MRJ21 Product
logo
Kycon, Inc.
GAX KYCON-GAX Datasheet
855Kb / 1P
MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX KYCON-GLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com