Electronic Components Datasheet Search
  English  ▼

X  

1658821 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1658821
Description  Modular Jacks and MRJ21 Product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658821 Datasheet(HTML) 3 Page - Tyco Electronics

  1658821 Datasheet HTML 1Page - Tyco Electronics 1658821 Datasheet HTML 2Page - Tyco Electronics 1658821 Datasheet HTML 3Page - Tyco Electronics 1658821 Datasheet HTML 4Page - Tyco Electronics 1658821 Datasheet HTML 5Page - Tyco Electronics 1658821 Datasheet HTML 6Page - Tyco Electronics 1658821 Datasheet HTML 7Page - Tyco Electronics 1658821 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
26
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MAG45 Modular Jacks with Integrated Magnetics (Continued)
Modular Jacks and MRJ21 Product
Note: All part numbers are RoHS
compliant.
Ganged
10/100 Base-T,
Gigabit & PoE, Tab Up
■ Multi-Port Single Layer
Connector
■ Through Hole, Tab Up
■ Available with or without
LEDs
■ UL Recognized Component
■ IEEE 802.3 & ANSI X3.263
Compliant
■ Numerous circuit options
available
■ Supports all appropriate and
available PHY Chips and
applications
■ For assistance in part
selection, please refer to the
Tyco Electronics E-Catalog
■ Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also
available to assist
Ganged Multi-Port Tab Up (unless noted)*
Port Configuration
10/100 Base-T
10/100 PoE
Gigabit
Gigabit PoE
1x2
✓✓
✓
**
1x4
✓✓
✓
✓
1x5
✓✓
✓
**
1x6
✓✓
✓
✓
1x8
✓✓
✓
**
*multiple LED colors with and without resistors available.
** Under development.
Single Port
Low Profile
10/100 Base-T & Gigabit,
Tab Up
■ Height is .445" vs std .580"
■ UL Recognized
■ IEEE 802.3 & ANSI X3.263
Compliant
■ With LEDs
■ Supports all appropriate and
available PHY Chips and
applications
■ For assistance in part
selection, please refer to the
Tyco Electronics E-Catalog
■ Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also
available to assist
.350
[8.89]
.380
[9.65]
Ø .062 ± .002
[1.57 ± 0.05]
2 Plcs.
Ø .050 ± .002
[1.27 ± 0.05]
5 Plcs.
Ø .035 ± .002
[0.90 ± 0.05]
12 Plcs.
Typ.
Typ.
Typ.
Typ.
Typ.
.360
[9.14]
Typ.
Typ.
Ø .133 ± .001
[3.375 ± 0.025]
2 Plcs.
15
13
14
16
17
.592
[15.04]
.692
[17.58]
.080
[2.03]
.050
[1.27]
.050
[1.27]
.106
[2.70]
.040
[1.02]
.100
[2.54]
Typ.
.100
[2.54]
Ref.
.080
[2.02]
PCB Footprint
.221
[5.61]
.151
[3.84]
.011
[0.28]
.081
[2.06]
.350
[8.89]
1.220
[30.99]
Ø .062
[1.57]
2 Plcs.
Ø .042
[1.07]
28 Plcs.
Ø .126
[3.20]
2 Plcs.
.050
[1.27]
.110
[2.79]
.160
[4.06]
Typ.
D1A
1A
1B
D2A
D1B
D2B
D3A
D4A
D3B
D4B
1.000
[25.40]
.525
[13.34]
.525
[13.34]
.042
[1.07]
.550
[13.97]
.120
[3.05]
.272
[6.91]
Min.
PCB Footprint
Low Profile*
10/100 Base-T
10/100 PoE
Gigabit
Gigabit PoE
✓
No
✓
No
*multiple LED colors with and without resistors available.
10/100 Base-T
Gigabit
Tab Up
1368458-1
1368398-1
Tab Down
1368590-1
1368589-1
Port Configuration
10/100 Base-T
10/100 PoE
Gigabit
Gigabit PoE
1x2
5-6610000-1
1-6610128-1
1-6610209-1
No***
1x2 Tab Down
No***
No
1840516-6
No
1x4
5-6610049-1
1840500-1
6610068-6
1840514-1
1x4 Tab Down
6610211-1
No
6610204-1
No
1x4 Tab Down Low Profile
No***
No
1840515-1
No
1x4 Tab Up Low Profile
No***
No
1761889-1
No
1x5
6610078-2
6610182-2
1-6610132-1
No
1x6
1-6610084-1
5-6610168-8
6610157-1
6610199-1
1x8
6610112-1
1-6610122-1
6610160-6
No***
*** Contact product management about possibility of adding.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com