| Electronic Components Datasheet Search |
|
640550 Datasheet(PDF) 39 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
640550 Datasheet(HTML) 39 Page - Tyco Electronics |
|
39 / 84 page ![]() 39 Connector Ordering Information The “Base Part Numbers” Chart at right shows the base part number and num- ber of circuits available for the described connectors. Prefixes and suffixes are determined by the number of circuit positions in the connector. For example, the complete part number for a 10-position feed-thru con- nector with locking ramp and without polarizing tabs for 18 AWG wire would be: Base number 640599 plus prefix-and-suffix 4- — -0 The correct ordering number is 4-640599-0 The part numbers in bold face are the RoHS equiva- lent version. Example: No. of Lead Free Pos. RoHS Prefix/Suffix 2 3-640599-2 3 3-640599-3 4 3-640599-4 5 3-640599-5 6 3-640599-6 7 3-640599-7 8 3-640599-8 9 3-640599-9 10 4-640599-0 11 4-640599-1 12 4-640599-2 13 4-640599-3 14 4-640599-4 15 4-640599-5 16 4-640599-6 17 4-640599-7 18 4-640599-8 19 4-640599-9 20 5-640599-0 21 5-640599-1 22 5-640599-2 23 5-640599-3 24 5-640599-4 Note: All RoHS equivalent part num- bers may not be available upon cat- alog release. If the number you need is not available, please contact Product Engineering to expedite your request. Base Part Numbers Feed-Thru with Locking Ramp Feed-Thru without Locking Ramp Without Tabs With Tabs Without Tabs With Tabs Connector Type Connector Connector Connector Connector & Wire Size Part RoHS Part RoHS Part RoHS Part RoHS Nos. Equiv. Nos. Equiv. Nos. Equiv. Nos. Equiv. Standard UL94V-2, Tin Plated 18 AWG 640599 32–54 644465 1 32–44 640604 32–54 644469 1 32–44 0.8–0.9 mm2 20 AWG 640600 32–54 644466 1 32–44 640605 32–54 644470 1 32–44 0.5–0.6 mm2 22 AWG 640601 32–54 644467 1 32–44 640606 32–54 644471 1 32–44 0.3–0.4 mm2 24 AWG 640602 32–54 644468 1 32–44 640607 32–54 644472 1 32–44 0.2 mm2 26 AWG 640595 32–54 —— 640608 32–54 —— 0.12–0.15 mm2 Tape Mounted on Reel UL94V-2, Tin Plated 18 AWG 641302 32–54 —— 641306 32–54 —— 0.8–0.9 mm2 20 AWG 641303 32–54 —— 641307 32–54 —— 0.5–0.6 mm2 22 AWG 641304 32–54 —— 641308 32–54 —— 0.3–0.4 mm2 24 AWG 641305 32–54 —— 641309 32–54 —— 0.2 mm2 26 AWG 641301 32–54 —— 641310 32–54 —— 0.12–0.15 mm2 Standard UL94V-2, .00003 [.00076] Gold Plated 18 AWG 641227 32–54 644718 1 32–44 641232 32–54 —— 0.8–0.9 mm2 20 AWG 641228 32–54 —— 641233 32–54 —— 0.5–0.6 mm2 22 AWG 641229 32–54 644720 1 32–44 641234 32–54 —— 0.3–0.4 mm2 24 AWG 641230 32–54 —— 641235 32–54 —— 0.2 mm2 26 AWG 641231 32–54 —— 641236 32–54 —— 0.12–0.15 mm2 Standard UL94V-2, .000015 [.00038] Gold Plated 18 AWG 641168 32–54 647479 1 32–42 641173 32–54 —— 0.8–0.9 mm2 20 AWG 641169 32–54 —— 641174 32–54 —— 0.5–0.6 mm2 22 AWG 641170 32–54 647496 1 32–42 641175 32–54 —— 0.3–0.4 mm2 24 AWG 641171 32–54 —— 641176 32–54 —— 0.2 mm2 26 AWG 641172 32–54 —— 641177 32–54 —— 0.12–0.15 mm2 Standard UL94V-0, Tin Plated 18 AWG ———— 644567 1 32–42 644570 1 32–42 0.8–0.9 mm2 22 AWG ———— 644569 1 32–42 644572 1 32–42 0.3–0.4 mm2 1 Other circuit sizes are available upon request. Minimums may apply. Note: Blocked circuit configurations are available upon request. Contact product engineer or product manager for details. Minimums may apply. MTA-156 IDC Connectors—Feed-Thru (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |