| Electronic Components Datasheet Search |
|
640550 Datasheet(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
640550 Datasheet(HTML) 4 Page - Tyco Electronics |
|
4 / 84 page ![]() 4 Product Facts I 2–28 contact positions I Connectors terminate 26, 28 and 30 AWG discrete wire or .050 [1.27] centerline rib- bon cable I Color-coded housings I Maximum cable insulation diameter of .039 [0.99] with PVC insulation only I IDC contacts pre-loaded in receptacle housing I 30 V, 1 A contact rating I Contact design allows for gold-to-gold or tin-to-tin interface I Contacts are lubricated to prevent fretting corrosion I Wire feed-thru capability for daisy-chain wiring or closed end for point-to-point wiring I Connectors are polarized for proper mating I Manual and semiautomatic application tooling I Mating heights shown below: I Component Recognized by Underwriters Laboratories Inc. to US and Canadian Standards, File No. E28476 (Connectors and Headers) File No. E53793 (Ribbon Cable) The MTA-50 IDC Connector System is a wire-to-printed cir- cuit board system with con- tacts in a staggered, single row on .050 [1.27] centerline. The design features wire feed- through capability for daisy- chain applications. Insulation displacement contacts are used to terminate a wide range of conductor sizes. Ribbon cable can also be ter- minated when the appropriate receptacle assembly and strain relief cover are used. Header assemblies for board mount applications include right-angle (horizontal) and vertical mount products. These are available in through-hole and surface mount configurations. Typical uses of the MTA-50 IDC connectors would be in the Appliance, Commercial and Home Equipment and Security products industries. See the following pages for related products: I Ribbon Cable (reels), .050 [1.27] centerline (p. 71) I Application Tooling (p. 76) I Cable Assemblies (p. 74) Performance Data Voltage Rating — 30 VAC Current Rating — 1 amp max. Low-Level Resistance — 30 milliohms Dielectric Withstanding Voltage — 500 VAC Insulation Resistance — 1,000 megohms Operating Temperature — –55°C to +105°C for connector only; cable rating may be lower Technical Documents Application Specification — 114-13072 MTA-50 Connectors Product Specifications — 108-2113 MTA-50 Connectors 100-4703 MADISON CABLE Cable Specification (28 AWG, 7/36 Tinned copper, PVC insulation) 100-6257 MADISON CABLE Cable Specification (28 AWG, 7/36 Tinned copper, TPO insulation) .503 [12.78] or .254 [6.45] Max. Vertical Max. Right-Angle These matrixes have been prepared to assist you in defining the correct mating halves for the MTA-50 header and connector kit combina- tion. Where a “Y” is indicated the combination is a valid mating pair. Note: Tyco Electronics does NOT rec- ommend intermating connectors and headers with different contact plat- ings. 1445343 YY Y Y 1445346 YY Y Y 1445349 YY Y Y 1445352 YY Y Y 1445355 YY Y Y 1445358 YY Y Y 1445361 YY Y Y 1445364 YY Y Y 1445367 YY Y Y 1445370 YY Y Y 1445373 YY Y Y 1445376 YY Y Y Headers Matrix for .000030 [0.00076] Gold Plated Part Numbers 1445342 YY Y Y 1445345 Y YY Y 1445348 Y YY Y 1445351 Y YY Y 1445354 Y YY Y 1445357 Y YY Y 1445360 Y YY Y 1445363 Y YY Y 1445366 Y YY Y 1445369 Y YY Y 1445372 Y YY Y 1445375 Y YY Y Matrix for .000015 [0.00038] Gold Plated Part Numbers Matrix for Tin Plated Part Numbers 1445341 YY Y Y 1445344 YY Y Y 1445347 YY Y Y 1445350 YY Y Y 1445353 YY Y Y 1445356 YY Y Y 1445359 YY Y Y 1445362 YY Y Y 1445365 YY Y Y 1445368 YY Y Y 1445371 YY Y Y 1445374 YY Y Y Headers Headers MTA-50 IDC Connector Kit / Header Mateability Guide MTA-50 IDC Connectors and Headers MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |