Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 5 Page - Texas Instruments

  LP3981 Datasheet HTML 1Page - Texas Instruments LP3981 Datasheet HTML 2Page - Texas Instruments LP3981 Datasheet HTML 3Page - Texas Instruments LP3981 Datasheet HTML 4Page - Texas Instruments LP3981 Datasheet HTML 5Page - Texas Instruments LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP3981
www.ti.com
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
Electrical Characteristics
Unless otherwise specified: VEN = 1.2V, VIN = VOUT + 0.5V, CIN = 2.2 µF, CBP = 0.033 µF, IOUT = 1mA, COUT = 2.2 µF. Typical
values and imits appearing in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Output Voltage
−2
2
% of
Tolerance
−3
3
VOUT(nom)
VIN = VOUT + 0.5V to 6.0V, TA < +85°C
0.005
−0.1
0.1
%/V
ΔVOUT
Line Regulation Error
VIN = VOUT + 0.5V to 6.0V, TJ ≤125°C
−0.2
0.2
%/V
Load Regulation Error
IOUT = 1 mA to 300 mA
0.0003
0.005
%/mA
(3)
VIN = VOUT(nom) + 1V,
50
f = 1 kHz,
IOUT = 50 mA (Figure 4)
PSRR
Power Supply Rejection Ratio (4)
dB
VIN = VOUT(nom) + 1V,
55
f = 10 kHz,
IOUT = 50 mA (Figure 4)
IQ
Quiescent Current
VEN = 1.2V, IOUT = 1 mA
70
120
VEN = 1.2V, IOUT = 1 to 300 mA,
170
210
µA
VOUT = 2.5V
(5)
VEN = 0.4V
0.003
1.5
IOUT = 1 mA
0.5
5
Dropout Voltage (6)
IOUT = 200 mA
88
133
mV
IOUT = 300 mA
132
200
ISC
Short Circuit Current Limit
Output Grounded
600
mA
(Steady State)
en
Output Noise Voltage
BW = 10 Hz to 100 kHz,
35
µVrms
CBP = 0.033µF
Thermal Shutdown Temperature
160
°C
TSD
Thermal Shutdown Hysteresis
20
°C
IOUT(PK)
Peak Output Current
VOUT ≥ VOUT (nom) - 5%
455
300
IEN
Maximum Input Current at VEN
VEN = 0 and VIN
0.001
µA
VIL
Logic Low Input threshold
VIN = 2.7 to 6.0V
0.4
V
VIH
Logic High Input threshold
VIN = 2.7 to 6.0V
1.4
V
TON
Turn-On Time (4) (7)
CBYPASS = 0.033 µF
240
350
µs
(1)
Min and Max Limits are specified by design, test, or statistical analysis. Typical (Typ.) numbers are not verified, but do represent the
most likely norm.
(2)
The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
(3)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(4)
Specified by design. Not production tested.
(5)
For VOUT > 2.5C, Increase IQ(MAX) by 2.5µA for every 0.1V increase in VOUT(NOM).i.e. IQ(MAX) = 210 + ((VOUT(NOM) - 2.5) * 25)µA
(6)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply for input voltages below 2.5V.
(7)
Turn-on time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal
value.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com