Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 2 Page - Texas Instruments

  LP3981 Datasheet HTML 1Page - Texas Instruments LP3981 Datasheet HTML 2Page - Texas Instruments LP3981 Datasheet HTML 3Page - Texas Instruments LP3981 Datasheet HTML 4Page - Texas Instruments LP3981 Datasheet HTML 5Page - Texas Instruments LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Device
Code
VIN
GND
6
5
VEN
4
1
VOUT
2
GND
3
VOUT-SENSE
Bypass
LP3981
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
www.ti.com
Block Diagram
PIN DESCRIPTIONS
Name
VSSOP-8
WSON-6
Function
VEN
7
6
Enable Input Logic, Enable High.
GND
5
4
Common Ground. Connect to PAD.
VOUT
1
1
Output Voltage of the LDO.
VIN
2
2
Input Voltage of the LDO.
Bypass
6
5
Optional bypass capacitor for noise reduction.
VOUT-SENSE
4
3
Output. Voltage Sense Pin. Should be connected to
VOUT for proper operation.
N.C.
3, 8
GND
PAD
Common Ground. Connect to pin 4.
Connection Diagrams
Figure 1. Top View
Figure 2. Top View
VSSOP-8 Package
WSON-6 Package
See Package Number DGK
See Package Number NGC0006D
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com