Electronic Components Datasheet Search
  English  ▼

X  

LMV7239M5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7239M5
Description  LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV7239M5 Datasheet(HTML) 5 Page - Texas Instruments

  LMV7239M5 Datasheet HTML 1Page - Texas Instruments LMV7239M5 Datasheet HTML 2Page - Texas Instruments LMV7239M5 Datasheet HTML 3Page - Texas Instruments LMV7239M5 Datasheet HTML 4Page - Texas Instruments LMV7239M5 Datasheet HTML 5Page - Texas Instruments LMV7239M5 Datasheet HTML 6Page - Texas Instruments LMV7239M5 Datasheet HTML 7Page - Texas Instruments LMV7239M5 Datasheet HTML 8Page - Texas Instruments LMV7239M5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LMV7235, LMV7239
www.ti.com
SNOS532M – SEPTEMBER 2000 – REVISED FEBRUARY 2013
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, VCM = V
+/2, V+ = 5V, V− = 0V. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Limits (1)
Units
1
6
VOS
Input Offset Voltage
mV
8
30
400
IB
Input Bias Current
nA
600
5
200
IOS
Input Offset Current
nA
400
CMRR
Common Mode Rejection Ratio
0V < VCM < 5V
52
67
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5V
65
85
dB
VCM
Input Common-Mode Voltage Range
CMRR > 50dB
V−
−0.1V−
−0.2 to 5.2
V+ +0.1V+
V
IL = 4mA,
V+
−0.25
V+
−0.15
V
VID = 500mV
Output Swing High
(LMV7239 only)
IL = 0.4mA,
V+
−0.01
V
VID = 500mV
VO
IL = −4mA,
230
350
mV
VID = −500mV
450
Output Swing Low
(LMV7235/LMV7239/LMV7239Q)
IL = −0.4mA,
10
mV
VID = −500mV
Sourcing, VO = 0V
25
55
(LMV7239 only)
15
mA
(3)
ISC
Output Short Circuit Current
Sinking, VO = 5V
30
60
(LMV7235, RL = 10k)
20
mA
(3)
65
95
IS
Supply Current
No load
µA
110
Overdrive = 20mV
CLOAD = 15pF
89
ns
(4)
Overdrive = 50mV
tPD
Propagation Delay
CLOAD = 15pF
82
ns
(4)
Overdrive = 100mV
CLOAD = 15pF
75
ns
(4)
Propagation Delay Skew
Overdrive = 20mV
tSKEW
1
ns
(LMV7239 only)
(5)
LMV7239
1.2
ns
10% to 90%
tr
Output Rise Time
LMV7235
10% to 90%
100
ns
(4)
tf
Output Fall Time
90% to 10%
1.2
ns
Output Leakeage Current
ILEAKAGE
3
nA
(LMV7235 only)
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(4)
A 10k pull-up resistor was used when measuring the LMV7235. The rise time of the LMV7235 is a function of the R-C time constant.
(5)
Propagation Delay Skew is defined as the absolute value of the difference between tPDLH and tPDHL.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV7235 LMV7239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com