Electronic Components Datasheet Search
  English  ▼

X  

LMV7239M5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7239M5
Description  LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV7239M5 Datasheet(HTML) 3 Page - Texas Instruments

  LMV7239M5 Datasheet HTML 1Page - Texas Instruments LMV7239M5 Datasheet HTML 2Page - Texas Instruments LMV7239M5 Datasheet HTML 3Page - Texas Instruments LMV7239M5 Datasheet HTML 4Page - Texas Instruments LMV7239M5 Datasheet HTML 5Page - Texas Instruments LMV7239M5 Datasheet HTML 6Page - Texas Instruments LMV7239M5 Datasheet HTML 7Page - Texas Instruments LMV7239M5 Datasheet HTML 8Page - Texas Instruments LMV7239M5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMV7235, LMV7239
www.ti.com
SNOS532M – SEPTEMBER 2000 – REVISED FEBRUARY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Model Body
1000V
Machine Body
100V
Differential Input Voltage
± Supply Voltage
Output Short Circuit Duration
(4)
Supply Voltage (V+ - V−)
6V
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering (10 sec)
260°C (lead temp)
Voltage at Input/Output Pins
(V+) +0.3V, (V−)
−0.3V
Current at Input Pin (5)
±10mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(5)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
Operating Ratings
Supply Voltages (V+ - V−)
2.7V to 5.5V
Temperature Range (1)
LMV7235/LMV7239
−40°C to +85°C
LMV7239Q
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Package Thermal Resistance
5-Pin SC70
478°C/W
5-Pin SOT-23
265°C/W
(1)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA) / θJA. All numbers apply for packages soldered directly onto a PC Board.
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, VCM = V
+/2, V+ = 2.7V, V− = 0V−. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
0.8
6
VOS
Input Offset Voltage
mV
8
30
400
IB
Input Bias Current
nA
600
5
200
IOS
Input Offset Current
nA
400
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV7235 LMV7239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com