Electronic Components Datasheet Search
  English  ▼

X  

LMV225 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV225
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV225 Datasheet HTML 5Page - Texas Instruments LMV225 Datasheet HTML 6Page - Texas Instruments LMV225 Datasheet HTML 7Page - Texas Instruments LMV225 Datasheet HTML 8Page - Texas Instruments LMV225 Datasheet HTML 9Page - Texas Instruments LMV225 Datasheet HTML 10Page - Texas Instruments LMV225 Datasheet HTML 11Page - Texas Instruments LMV225 Datasheet HTML 12Page - Texas Instruments LMV225 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
A2
RFIN/EN
A1
GND
B2
VDD
B1
OUT
1.0mm
1.0mm
BUMP PITCH
BUMP DIAMETER
SOLDER DOT DIAMETER/
PASSIVATION OPENING
500Pm
300Pm
125Pm
6
5
4
OUT
NC
VDD
GND
NC
RFIN/EN
1
2
3
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
CONNECTION DIAGRAM
Figure 3. 4-Bump DSBGA – Top View
Figure 4. 6-pin WSON – Top View
See Package Number YZR0004 or YPD0004
See Package Number NGF0006A
PIN DESCRIPTIONS
Pin
Name
Description
DSBGA
WSON6
Power Supply
A2
4
VDD
Positive Supply Voltage
B1
1
GND
Power Ground
A1
3
RFIN/EN
DC voltage determines enable state of the device (HIGH =
device active). AC voltage is the RF input signal to the
detector (beyond 450 MHz). The RFIN/EN pin is internally
terminated with 50
Ω in series with 45 pF.
Output
B2
6
Out
Ground referenced detector output voltage (linear in dBm)
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com