Electronic Components Datasheet Search
  English  ▼

X  

LMV225 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMV225
Description  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV225 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV225 Datasheet HTML 8Page - Texas Instruments LMV225 Datasheet HTML 9Page - Texas Instruments LMV225 Datasheet HTML 10Page - Texas Instruments LMV225 Datasheet HTML 11Page - Texas Instruments LMV225 Datasheet HTML 12Page - Texas Instruments LMV225 Datasheet HTML 13Page - Texas Instruments LMV225 Datasheet HTML 14Page - Texas Instruments LMV225 Datasheet HTML 15Page - Texas Instruments LMV225 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
-50
-40
-30
-20
-10
0
10
20
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
RF INPUT POWER (dBm)
-40°C
25°C
85°C
85°C
25°C
-40°C
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-40
-30
-20
-10
0
10
20
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
RF INPUT POWER (dBm)
-40°C
25°C
85°C
85°C
25°C
-40°C
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-40
-30
-20
-10
0
10
20
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
RF INPUT POWER (dBm)
-40°C
25°C
85°C
85°C
25°C
-40°C
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-40
-30
-20
-10
0
10
20
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
RF INPUT POWER (dBm)
-40°C
25°C
85°C
85°C
25°C
-40°C
-5
-4
-3
-2
-1
0
1
2
3
4
5
2.5
3
3.5
4
4.5
5
4
4.5
5
5.5
6
6.5
7
7.5
8
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
-50
-40
-30
-20
-10
0
10
20
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
RF INPUT POWER (dBm)
900MHz
1800MHz
1900MHz
2000MHz
LMV225, LMV226, LMV228
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS LMV225
Unless otherwise specified, VDD = 2.7V, TJ = 25°C.
Supply Current
Output Voltage
vs.
vs.
Supply Voltage (LMV225)
RF Input Power (LMV225)
Figure 8.
Figure 9.
Output Voltage and Log Conformance vs.
Output Voltage and Log Conformance vs.
RF Input Power @ 900 MHz (LMV225)
RF Input Power @ 1800 MHz (LMV225)
Figure 10.
Figure 11.
Output Voltage and Log Conformance
vs.
Output Voltage and Log Conformance vs.
RF Input Power @ 1900 MHz (LMV225)
RF Input Power @ 2000 MHz (LMV225)
Figure 12.
Figure 13.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV225 LMV226 LMV228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com