Electronic Components Datasheet Search
  English  ▼

X  

LM48100QMH Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48100QMH
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100QMH Datasheet(HTML) 5 Page - Texas Instruments

  LM48100QMH Datasheet HTML 1Page - Texas Instruments LM48100QMH Datasheet HTML 2Page - Texas Instruments LM48100QMH Datasheet HTML 3Page - Texas Instruments LM48100QMH Datasheet HTML 4Page - Texas Instruments LM48100QMH Datasheet HTML 5Page - Texas Instruments LM48100QMH Datasheet HTML 6Page - Texas Instruments LM48100QMH Datasheet HTML 7Page - Texas Instruments LM48100QMH Datasheet HTML 8Page - Texas Instruments LM48100QMH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
Audio Amplifier Electrical Characteristics VDD = 5.0V
(1)(2) (continued)
The following specifications apply for Programmable Gain = 0dB, RL = 8Ω, f = 1kHz, unless otherwise specified. Limits apply
for TA = 25°C.
LM48100Q
Typical
Room
Extended
Units
Symbol
Parameter
Conditions
(3)
Temp
Temp Limits
(Limits)
Limits
(4) (5)
(4)
SNR
Signal-to-Noise-Ratio
POUT = TBDmW, f = 1kHz
104
dB
∈OS
Output Noise
AV = 0dB, A-weighted Filter
12
μV
IOUT(FAULT)
FAULT Output Current
FAULT = 0, VOUT(FAULT)= 0.4V
3
mA
Short between either OUTA to VDD or
Output to Supply Short
GND, or OUTB to VDD or GND
RFAULT
Circuit Detection Threshold
Short Circuit
3
3
k
Ω (min)
Open Circuit
7.5
7.5
k
Ω (max)
Short between both OUTA and OUTB to
Output to Supply Short
VDD or GND
RFAULT
Circuit Detection Threshold
Short Circuit
6
k
Ω (min)
Open Circuit
15
k
Ω (max)
Open Circuit Detection
100
Ω (min)
ROPEN
Open circuit between OUTA and OUTB
Threshold
200
Ω (max)
Output to Output Short
2
Ω (min)
RSHT
Short circuit between OUTA and OUTB
Circuit Detection Threshold
6
Ω (max)
ISHTCKT
Short Circuit Current Limit
1.47
1.67
2
A (max)
Thermal Shutdown
TSD
170
°C
Threshold
tDIAG
Diagnostic Time
58
ms
Audio Amplifier Electrical Characteristics VDD = 3.6V
(1) (2)
The following specifications apply for Programmable Gain = 0dB, RL = 8Ω, f = 1kHz, unless otherwise specified. Limits apply
for TA = 25°C.
LM48100Q
Typical
Room
Extended
Units
Symbol
Parameter
Conditions
(3)
Temp
Temp
(Limits)
Limits
Limits
(4)
(4) (5)
VIN = 0V, Both channels active
Quiescent Power Supply
IDD
RL = 8Ω
3.8
8.5
10.8
mA (max)
Current
RL = ∞
3.6
5
7
mA (max)
Diagnostic Mode Quiescent
IDD
Diagnostic Mode Enabled
11.7
14.5
mA (max)
Power Supply Current
ISD
Shutdown Current
Shutdown Enabled
0.01
1
µA (max)
Differential Output Offset
VOS
VIN = 0V, RL = 8Ω
8.8
50
76
mV (max)
Voltage
TWU
Wake-Up Time
Time from shutdown to audio available
11.5
50
ms (max)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
(5)
Min/max specification limits specified for TA = –40°C to 105°C.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com