Electronic Components Datasheet Search
  English  ▼

X  

LM48100QMH Datasheet(PDF) 13 Page - Texas Instruments

Part # LM48100QMH
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100QMH Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48100QMH Datasheet HTML 9Page - Texas Instruments LM48100QMH Datasheet HTML 10Page - Texas Instruments LM48100QMH Datasheet HTML 11Page - Texas Instruments LM48100QMH Datasheet HTML 12Page - Texas Instruments LM48100QMH Datasheet HTML 13Page - Texas Instruments LM48100QMH Datasheet HTML 14Page - Texas Instruments LM48100QMH Datasheet HTML 15Page - Texas Instruments LM48100QMH Datasheet HTML 16Page - Texas Instruments LM48100QMH Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
GENERAL AMPLIFIER FUNCTION
Bridge Configuration Explained
The LM48100Q is designed to drive a load differentially, a configuration commonly referred to as a bridge-tied
load (BTL). The BTL configuration differs from the single-ended configuration, where one side of the load is
connected to ground. A BTL amplifier offers advantages over a single-ended device. By driving the load
differentially, the output voltage is doubled, compared to a single-ended amplifier under similar conditions. This
doubling of the output voltage leads to a quadrupling of the output power. For example, the theoretical maximum
output power for a single-ended amplifier driving 8
Ω and operating from a 5V supply is 158mW, while the
theoretical maximum output power for a BTL amplifier operating under the same conditions is 633mW. Since the
amplifier outputs are both biased about VDD/2, there is no net DC voltage across the load, eliminating the DC
blocking capacitors required by single-ended, single-supply amplifiers.
Input Mixer/Multiplexer
The LM48100Q features an input mixer/multiplexer controlled through the I2C interface. The mixer/multiplexer
allows either input, or the combination of both inputs to appear at the device output. Bits B2 (INPUT_1) and B3
(INPUT_2) of the Mode Control Register select the individual input channels. Set INPUT_1 = 1 to select the
audio signal on IN1. Set INPUT_2 = 1 to select the audio signal on IN2. Setting both INPUT_1 and INPUT_2 = 1
mixes VIN1 and VIN2, and the LM48100Q outputs the result as a mono signal (Table 7).
Table 6. Input Multiplexer Control
INPUT_1
INPUT_2
LM48100Q OUTPUT
0
0
MUTE. No input selected
1
0
IN1 ONLY
0
1
IN2 ONLY
1
1
IN1 + IN2
OUTPUT FAULT DETECTION
Output Short to Supplies (VDD or GND)
With a standard speaker load (6
Ω - 100Ω) connected between OUTA and OUTB, the LM48100Q can detect a
short between the outputs and either VDD or GND. A short is detected if the impedance between either OUTA or
OUTB and VDD or GND is less than 3kΩ. A short is also detected if the impedance between BOTH OUTA and
OUTB and either VDD or GND is less than 6kΩ. Under either of these conditions, the amplifier outputs are
disabled and FAULT is driven low. No short is detected if the impedance between either output and VDD or GND
is greater than 7.5k
Ω. Likewise, no short is detected if the impedance between BOTH outputs and VDD or GND is
greater than 15k
Ω.
Output Short Circuit and Open Circuit Detection
The LM48100Q can detect whether the amplifier outputs have been shorted together or, an output open circuit
condition has occurred. An output short circuit is detected if the impedance between OUTA and OUTB is less
than 2
Ω. An open circuit is detected if the impedance between OUTA and OUTB is greater than 200Ω. Under
either of these conditions, the amplifier outputs are disabled and FAULT is driven low. The device remains in
normal operation if the impedance between OUTA and OUTB is in the range of 6
Ω to 100Ω. The output open
circuit test is only performed during the initial diagnostic sequence during power up, or when DG_ENABLE is set
to 1.
Output Over-Current Detection
The LM48100Q has two over current detection modes, a fixed current limit, and a supply dependent current limit.
Bit B1 (ILIMIT) of the Diagnostic Control Register selects the over-current detection mode. Set ILIMIT = 0 to
select a fixed current limit of 1.47A (typ). Set ILIMIT = 1 to select the supply dependent current limit mode. In
supply dependent mode, the current limit is determined by Equation 1:
ISHTCKT = 0.264 x VDD
(A)
(1)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com