Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 12Page - Texas Instruments LM20123 Datasheet HTML 13Page - Texas Instruments LM20123 Datasheet HTML 14Page - Texas Instruments LM20123 Datasheet HTML 15Page - Texas Instruments LM20123 Datasheet HTML 16Page - Texas Instruments LM20123 Datasheet HTML 17Page - Texas Instruments LM20123 Datasheet HTML 18Page - Texas Instruments LM20123 Datasheet HTML 19Page - Texas Instruments LM20123 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
RC1 =
x
CC1
COUT
IOUT
VOUT
+
22 x D
VIN
-1
+
1-D
fSW x L
COMP
CC1
RC1
CC2
LM20123
(optional)
AM
fSW/2
0 dB
FREQUENCY (Hz)
Error Amp Zero, fZ(EA)
Complex Double Pole, fP(MOD)
Optional Error Amp
Pole, fP2(EA)
0 dB
0 dB
AEA + AM
AEA
Error Amp Pole, fP1(EA)
Complex Double Pole, fP(MOD)
Output Filter Zero, fZ(FIL)
Output Filter Pole, fP(FIL)
fC
Error Amp Pole, fP(EA)
LM20123
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
Figure 27. LM20123 Loop Compensation
The power stage transfer function is dictated by the modulator, output LC filter, and load; while the feedback
transfer function is set by the feedback resistor ratio, error amp gain, and external compensation network.
To achieve a -20dB/decade slope, the error amplifier zero, located at fZ(EA), should positioned to cancel the
output filter pole (fP(FIL)). An additional error amp pole, located at fP2(EA), can be added to cancel the output filter
zero at fZ(FIL). Cancellation of the output filter zero is recommended if larger value, non-ceramic output capacitors
are used.
Compensation of the LM20123 is achieved by adding an RC network as shown in Figure 28 below.
Figure 28. Compensation Network for LM20123
A good starting value for CC1 for most applications is 4.7 nF. Once the value of CC1 is chosen the value of RC1
should be calculated using the equation below to cancel the output filter pole (fP(FIL)) as shown in Figure 27.
(8)
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com