Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 13Page - Texas Instruments LM20123 Datasheet HTML 14Page - Texas Instruments LM20123 Datasheet HTML 15Page - Texas Instruments LM20123 Datasheet HTML 16Page - Texas Instruments LM20123 Datasheet HTML 17Page - Texas Instruments LM20123 Datasheet HTML 18Page - Texas Instruments LM20123 Datasheet HTML 19Page - Texas Instruments LM20123 Datasheet HTML 20Page - Texas Instruments LM20123 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
tSS =
0.8V x CSS
ISS
CC2 =
COUT x RESR
RC1
fZ(FIL) =
1
2 x S x COUT x RESR
LM20123
www.ti.com
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
A higher crossover frequency can be obtained, usually at the expense of phase margin, by lowering the value of
CC1 and recalculating the value of RC1. Likewise, increasing CC1 and recalculating RC1 will provide additional
phase margin at a lower crossover frequency. As with any attempt to compensate the LM20123 the stability of
the system should be verified for desired transient droop and settling time.
If the output filter zero, fZ(FIL) approaches the crossover frequency (fC), an additional capacitor (CC2) should be
placed at the COMP pin to ground. This capacitor adds a pole to cancel the output filter zero assuring the
crossover frequency will occur before the double pole at fSW/2 degrades the phase margin. The output filter zero
is set by the output capacitor value and ESR as shown in the equation below.
(9)
If needed, the value for CC2 should be calculated using the equation shown below.
where
•
RESR is the output capacitor series resistance
•
RC1 is the calculated compensation resistance
(10)
AVIN FILTERING COMPONENTS (CF and RF)
To prevent high frequency noise spikes from disturbing the sensitive analog circuitry connected to the AVIN and
AGND pins, a high frequency RC filter is required between PVIN and AVIN. These components are shown in
Figure 25. as CF and RF. The required value for RF is 1Ω. CF must be used. Recommended value of CF is 1.0
µF. The filter capacitor, CF should be placed as close to the IC as possible with a direct connection from AVIN to
AGND. A good quality X5R or X7R ceramic capacitor should be used for CF.
SUB-REGULATOR BYPASS CAPACITOR (CVCC)
The capacitor at the VCC pin provides noise filtering and stability for the internal sub-regulator. The
recommended value of CVCC should be no smaller than 1 µF and no greater than 10 µF. The capacitor should be
a good quality ceramic X5R or X7R capacitor. In general, a 1 µF ceramic capacitor is recommended for most
applications.
SETTING THE START UP TIME (CSS)
The addition of a capacitor connected from the SS pin to ground sets the time at which the output voltage will
reach the final regulated value. Larger values for CSS will result in longer start up times. Table 3, shown below
provides a list of soft start capacitors and the corresponding typical start up times.
Table 3. Start Up Times for Different Soft-Start Capacitors
Start Up Time (ms)
CSS (nF)
1
none
5
33
10
68
15
100
20
120
If different start up times are needed the equation shown below can be used to calculate the start up time.
(11)
As shown above, the start up time is influenced by the value of the Soft-Start capacitor CSS(F) and the 5 µA Soft-
Start pin current ISS(A). that may be found in the electrical characteristics table.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com