Electronic Components Datasheet Search
  English  ▼

X  

USB2512 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 27Page - Microchip Technology USB2512 Datasheet HTML 28Page - Microchip Technology USB2512 Datasheet HTML 29Page - Microchip Technology USB2512 Datasheet HTML 30Page - Microchip Technology USB2512 Datasheet HTML 31Page - Microchip Technology USB2512 Datasheet HTML 32Page - Microchip Technology USB2512 Datasheet HTML 33Page - Microchip Technology USB2512 Datasheet HTML 34Page - Microchip Technology USB2512 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251xB/xBi
31
Revision 2.2 (02-17-12)
DATASHEET
5.1.8
Register 07h: Configuration Data Byte 2
0
PORT_PWR
Port Power Switching: enables power switching on all ports (ganged) or a
port-by-port basis (individual). The ability to support power enabling on a
ganged or port-by-port basis is hardware implementation dependent.
0 : ganged switching
1 : individual switching
BIT
NUMBER
BIT NAME
DESCRIPTION
7
DYNAMIC
Dynamic Power Enable: controls the ability of the hub to automatically
change from self-powered to bus-powered operation if the local power
source is removed or unavailable. It can also go from bus-powered to self-
powered operation if the local power source is restored.
When dynamic power switching is enabled, the hub detects the availability
of a local power source by monitoring LOCAL_PWR. If the hub detects a
change in power source availability, the hub immediately disconnects and
removes power from all downstream devices. It also disconnects the
upstream port. The hub will then re-attach to the upstream port as either a
bus-powered hub (if local power is unavailable) or a self-powered hub (if
local power is available).
0 : no dynamic auto-switching
1 : dynamic auto-switching capable
6
rsvd
5:4
OC_TIMER
Over Current Timer Delay:
00 : 0.1 ms
01 : 4.0 ms
10 : 8.0 ms
11 : 16.0 ms
3
COMPOUND
Compound Device: indicates the hub is part of a compound device (see the
USB Specification
for definition). The applicable port(s) must also be defined
as having a non-removable device.
Note:
When configured via strapping options, declaring a port as non-
removable automatically causes the hub controller to report that it
is part of a compound device.
0 : no
1 : yes, the hub is part of a compound device
2:0
rsvd
BIT
NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com