Electronic Components Datasheet Search
  English  ▼

X  

USB2512 Datasheet(PDF) 54 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 50Page - Microchip Technology USB2512 Datasheet HTML 51Page - Microchip Technology USB2512 Datasheet HTML 52Page - Microchip Technology USB2512 Datasheet HTML 53Page - Microchip Technology USB2512 Datasheet HTML 54Page - Microchip Technology USB2512 Datasheet HTML 55Page - Microchip Technology USB2512 Datasheet HTML 56Page - Microchip Technology USB2512 Datasheet HTML 57Page - Microchip Technology USB2512 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 2.2 (02-17-12)
54
SMSC USB251xB/xBi
DATASHEET
6.2.1
Package Thermal Specifications
Thermal parameters are measured or estimated for devices with the exposed pad soldered to thermal
vias in a multilayer 2S2P PCB per JESD51. Thermal resistance is measured from the die to the
ambient air. The values provided are based on the package body, die size, maximum power
consumption, 85°C ambient temperature, and 125°C junction temperature of the die.
Table 6.9 Package Thermal Resistance Parameters
Use the following formulas to calculate the junction temperature:
TJ = P x ΘJA + TA
TJ = P x ΨJT + TT
SYMBOL
USB2512B/12Bi
USB2513B/13Bi
USB2514B/14Bi
(
°C/W)
VELOCITY
(meters/s)
ΘJA
40.1
0
35.0
1
ΨJT
0.5
0
0.7
1
ΘJC
6.3
0
6.3
1
Table 6.10 Package Thermal Resistance Parameters
SYMBOL
USB2512B/12Bi USB2513B/13Bi
USB2514B/14Bi
(
°C/W)
VELOCITY (meters/s)
ΘJA
40.1
0
35.0
1
ΨJT
0.5
0
0.7
1
ΘJC
6.3
0
6.3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com