Electronic Components Datasheet Search
  English  ▼

X  

LM7912 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM7912
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7912 Datasheet(HTML) 4 Page - Texas Instruments

  LM7912 Datasheet HTML 1Page - Texas Instruments LM7912 Datasheet HTML 2Page - Texas Instruments LM7912 Datasheet HTML 3Page - Texas Instruments LM7912 Datasheet HTML 4Page - Texas Instruments LM7912 Datasheet HTML 5Page - Texas Instruments LM7912 Datasheet HTML 6Page - Texas Instruments LM7912 Datasheet HTML 7Page - Texas Instruments LM7912 Datasheet HTML 8Page - Texas Instruments LM7912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LM7905, LM7912, LM7915
SNOSBQ7C – JUNE 1999 – REVISED MAY 2013
www.ti.com
DESIGN CONSIDERATIONS
The LM79XX fixed voltage regulator series has thermal overload protection from excessive power dissipation,
internal short circuit protection which limits the circuit's maximum current, and output transistor safe-area
compensation for reducing the output current as the voltage across the pass transistor is increased.
Although the internal power dissipation is limited, the junction temperature must be kept below the maximum
specified temperature (125°C) in order to meet data sheet specifications. To calculate the maximum junction
temperature or heat sink required, the following thermal resistance values should be used:
Typ
Max
Typ
Max
Package
θJC
θJC
θJA
θJA
°C/W
°C/W
°C/W
°C/W
TO-220
3.0
5.0
60
40
(1)
Solving for TJ:
TJ = TA + PD (θJC + θCA)
or
= TA + PDθJA (without heat sink)
where
•
TJ = Junction Temperature
•
TA = Ambient Temperature
•
PD = Power Dissipation
•
θJA = Junction-to-Ambient Thermal Resistance
•
θJC = Junction-to-Case Thermal Resistance
•
θCA = Case-to-Ambient Thermal Resistance
•
θCS = Case-to-Heat Sink Thermal Resistance
•
θSA = Heat Sink-to-Ambient Thermal Resistance
Typical Applications
Bypass capacitors are necessary for stable operation of the LM79XX series of regulators over the input voltage
and output current ranges. Output bypass capacitors will improve the transient response by the regulator.
The bypass capacitors, (2.2
μF on the input, 1.0μF on the output) should be ceramic or solid tantalum which have
good high frequency characteristics. If aluminum electrolytics are used, their values should be 10
μF or larger.
The bypass capacitors should be mounted with the shortest leads, and if possible, directly across the regulator
terminals.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7905 LM7912 LM7915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com