Electronic Components Datasheet Search
  English  ▼

X  

LM7912 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM7912
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7912 Datasheet(HTML) 1 Page - Texas Instruments

  LM7912 Datasheet HTML 1Page - Texas Instruments LM7912 Datasheet HTML 2Page - Texas Instruments LM7912 Datasheet HTML 3Page - Texas Instruments LM7912 Datasheet HTML 4Page - Texas Instruments LM7912 Datasheet HTML 5Page - Texas Instruments LM7912 Datasheet HTML 6Page - Texas Instruments LM7912 Datasheet HTML 7Page - Texas Instruments LM7912 Datasheet HTML 8Page - Texas Instruments LM7912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM7905, LM7912, LM7915
www.ti.com
SNOSBQ7C – JUNE 1999 – REVISED MAY 2013
LM79XX Series 3-Terminal Negative Regulators
Check for Samples: LM7905, LM7912, LM7915
1
FEATURES
Connection Diagram
2
•
Thermal, Short Circuit and Safe Area
Protection
•
High Ripple Rejection
•
1.5A Output Current
•
4% Tolerance on Preset Output Voltage
space
DESCRIPTION
Figure 1. TO-220 Package
The LM79XX series of 3-terminal regulators is
Front View
available with fixed output voltages of
−5V, −12V, and
See Package Number NDE0003B
−15V.
These
devices
need
only
one
external
component—a compensation capacitor at the output.
The LM79XX series is packaged in the TO-220 power
Typical Applications
package and is capable of supplying 1.5A of output
current.
These regulators employ internal current limiting safe
area protection and thermal shutdown for protection
against virtually all overload conditions.
Low ground pin current of the LM79XX series allows
output voltage to be easily boosted above the preset
value with a resistor divider. The low quiescent
*Required if regulator is separated from
current drain of these devices with a specified
filter capacitor by more than 3
″. For value
maximum change with line and load ensures good
given, capacitor must be solid tantalum.
regulation in the voltage boosted mode.
25
μF aluminum electrolytic may be
substituted.
For applications requiring other voltages, see LM137
†Required for stability. For value given,
datasheet.
capacitor must be solid tantalum. 25
μF
aluminum electrolytic may be substituted.
Values given may be increased without
limit.
For output capacitance in excess of 100
μF,
a high current diode from input to output
(1N4001, etc.) will protect the regulator
from momentary input shorts.
Figure 2. Fixed Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM7912

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7912 NSC-LM7912 Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM7912 NSC-LM7912 Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
logo
Unisonic Technologies
LM7912 UTC-LM7912 Datasheet
70Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7912 ETC-LM7912 Datasheet
50Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Seme LAB
LM7912 SEME-LAB-LM7912 Datasheet
87Kb / 6P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - LM7912

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
Series 3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
3-Terminal Negative Regulators
LM79XX NSC-LM79XX Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
Series 3-Terminal Negative Regulators
LM7905 TI-LM7905_15 Datasheet
1Mb / 13P
LM79XX Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
Series 3-Terminal Negative Regulators
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
Series 3-Terminal Negative Regulators
LM7905 TI1-LM7905_13 Datasheet
1Mb / 13P
LM79XX Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com