Electronic Components Datasheet Search
  English  ▼

X  

LM3488MM Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MM Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3488MM Datasheet HTML 20Page - Texas Instruments LM3488MM Datasheet HTML 21Page - Texas Instruments LM3488MM Datasheet HTML 22Page - Texas Instruments LM3488MM Datasheet HTML 23Page - Texas Instruments LM3488MM Datasheet HTML 24Page - Texas Instruments LM3488MM Datasheet HTML 25Page - Texas Instruments LM3488MM Datasheet HTML 26Page - Texas Instruments LM3488MM Datasheet HTML 27Page - Texas Instruments LM3488MM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
RSEN =
VSENSE - D(VSL + 'VSL)
ISWPEAK
2
'VOUT =
IOUT
1-D +
'IL2
(
) ESR
L2 >
(VIN - VQ)D
2IOUTfS
L1 >
(VIN - VQ)(1-D)
2IOUTfS
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
(40)
(41)
maintains the condition IL > ΔiL/2 to ensure constant current mode.
(42)
(43)
Peak current in the inductor, to ensure the inductor does not saturate:
(44)
(45)
IL1PK must be lower than the maximum current rating set by the current sense resistor.
The value of L1 can be increased above the minimum recommended to reduce input ripple and output ripple.
However, once DIL1 is less than 20% of IL1AVE, the benefit to output ripple is minimal.
By increasing the value of L2 above the minimum recommended,
ΔIL2 can be reduced, which in turn will reduce
the output ripple voltage:
where
•
ESR is the effective series resistance of the output capacitor.
(46)
If L1 and L2 are wound on the same core, then L1 = L2 = L. All the equations above will hold true if the
inductance is replaced by 2L. A good choice for transformer with equal turns is Coiltronics CTX series Octopack.
SENSE RESISTOR SELECTION
The peak current through the switch, ISW(PEAK) can be adjusted using the current sense resistor, RSEN, to provide
a certain output current. Resistor RSEN can be selected using the formula:
(47)
Sepic Capacitor Selection
The selection of SEPIC capacitor, CS, depends on the rms current. The rms current of the SEPIC capacitor is
given by:
(48)
The SEPIC capacitor must be rated for a large ACrms current relative to the output power. This property makes
the SEPIC much better suited to lower power applications where the rms current through the capacitor is
relatively small (relative to capacitor technology). The voltage rating of the SEPIC capacitor must be greater than
the maximum input voltage. Tantalum capacitors are the best choice for SMT, having high rms current ratings
relative to size. Ceramic capacitors could be used, but the low C values will tend to cause larger changes in
voltage across the capacitor due to the large currents. High C value ceramics are expensive. Electrolytics work
well for through hole applications where the size required to meet the rms current rating can be accommodated.
There is an energy balance between CS and L1, which can be used to determine the value of the capacitor. The
basic energy balance equation is:
24
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com