Electronic Components Datasheet Search
  English  ▼

X  

LM3488MM Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MM Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3488MM Datasheet HTML 21Page - Texas Instruments LM3488MM Datasheet HTML 22Page - Texas Instruments LM3488MM Datasheet HTML 23Page - Texas Instruments LM3488MM Datasheet HTML 24Page - Texas Instruments LM3488MM Datasheet HTML 25Page - Texas Instruments LM3488MM Datasheet HTML 26Page - Texas Instruments LM3488MM Datasheet HTML 27Page - Texas Instruments LM3488MM Datasheet HTML 28Page - Texas Instruments LM3488MM Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
IRMS =
ISWPK
2 - I
SWPK (
'IL1 + 'IL2)+ ('IL1 + 'IL2)
2
3
(1-D) - IOUT
2
LM3488
LM3488-Q1
www.ti.com
SNVS089M – JULY 2000 – REVISED MARCH 2013
(49)
Where
(50)
is the ripple voltage across the SEPIC capacitor, and
(51)
is the ripple current through the inductor L1. The energy balance equation can be solved to provide a minimum
value for CS:
(52)
Input Capacitor Selection
Similar to a boost converter, the SEPIC has an inductor at the input. Hence, the input current waveform is
continuous and triangular. The inductor ensures that the input capacitor sees fairly low ripple currents. However,
as the input capacitor gets smaller, the input ripple goes up. The rms current in the input capacitor is given by:
(53)
The input capacitor should be capable of handling the rms current. Although the input capacitor is not as critical
in a boost application, low values can cause impedance interactions. Therefore a good quality capacitor should
be chosen in the range of 10µF to 20µF. If a value lower than 10µF is used, then problems with impedance
interactions or switching noise can affect the LM3478. To improve performance, especially with VIN below 8 volts,
it is recommended to use a 20
Ω resistor at the input to provide a RC filter. The resistor is placed in series with
the VIN pin with only a bypass capacitor attached to the VIN pin directly (see Figure 35). A 0.1µF or 1µF ceramic
capacitor is necessary in this configuration. The bulk input capacitor and inductor will connect on the other side
of the resistor with the input power supply.
Output Capacitor Selection
The ESR and ESL of the output capacitor directly control the output ripple. Use low capacitors with low ESR and
ESL at the output for high efficiency and low ripple voltage. Surface mount tantalums, surface mount polymer
electrolytic and polymer tantalum, Sanyo- OSCON, or multi-layer ceramic capacitors are recommended at the
output.
The output capacitor of the SEPIC sees very large ripple currents (similar to the output capacitor of a boost
converter. The rms current through the output capacitor is given by:
(54)
The ESR and ESL of the output capacitor directly control the output ripple. Use low capacitors with low ESR and
ESL at the output for high efficiency and low ripple voltage. Surface mount tantalums, surface mount polymer
electrolytic and polymer tantalum, Sanyo- OSCON, or multi-layer ceramic capacitors are recommended at the
output for low ripple.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com