Electronic Components Datasheet Search
  English  ▼

X  

LM3488 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3488 Datasheet HTML 14Page - Texas Instruments LM3488 Datasheet HTML 15Page - Texas Instruments LM3488 Datasheet HTML 16Page - Texas Instruments LM3488 Datasheet HTML 17Page - Texas Instruments LM3488 Datasheet HTML 18Page - Texas Instruments LM3488 Datasheet HTML 19Page - Texas Instruments LM3488 Datasheet HTML 20Page - Texas Instruments LM3488 Datasheet HTML 21Page - Texas Instruments LM3488 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
VOUT = 1.26
(1+
RF1
RF2
2fSL
'iL =
DVIN
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
The important quantities in determining a proper inductance value are IL (the average inductor current) and ΔiL
(the inductor current ripple). If
ΔiL is larger than IL, the inductor current will drop to zero for a portion of the cycle
and the converter will operate in discontinuous conduction mode. If
ΔiL is smaller than IL, the inductor current will
stay above zero and the converter will operate in continuous conduction mode. All the analysis in this datasheet
assumes operation in continuous conduction mode. To operate in continuous conduction mode, the following
conditions must be met:
IL > ΔiL
(9)
(10)
(11)
Choose the minimum IOUT to determine the minimum L. A common choice is to set ΔiL to 30% of IL. Choosing an
appropriate core size for the inductor involves calculating the average and peak currents expected through the
inductor. In a boost converter,
(12)
and IL_peak = IL(max) + ΔiL(max),
where
(13)
A core size with ratings higher than these values should be chosen. If the core is not properly rated, saturation
will dramatically reduce overall efficiency.
The LM3488 can be set to switch at very high frequencies. When the switching frequency is high, the converter
can be operated with very small inductor values. With a small inductor value, the peak inductor current can be
extremely higher than the output currents, especially under light load conditions.
The LM3488 senses the peak current through the switch. The peak current through the switch is the same as the
peak current calculated above.
PROGRAMMING THE OUTPUT VOLTAGE
The output voltage can be programmed using a resistor divider between the output and the feedback pins, as
shown in Figure 34. The resistors are selected such that the voltage at the feedback pin is 1.26V. RF1 and RF2
can be selected using the equation,
(14)
A 100pF capacitor may be connected between the feedback and ground pins to reduce noise.
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com